Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC6906
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 14Page - Analog Devices LTC6906 Datasheet HTML 15Page - Analog Devices LTC6906 Datasheet HTML 16Page - Analog Devices LTC6906 Datasheet HTML 17Page - Analog Devices LTC6906 Datasheet HTML 18Page - Analog Devices LTC6906 Datasheet HTML 19Page - Analog Devices LTC6906 Datasheet HTML 20Page - Analog Devices LTC6906 Datasheet HTML 21Page - Analog Devices LTC6906 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
18
Rev. D
For more information www.analog.com
POL = 1 forces a simple logic inversion, so it changes
the duty cycle range of the LTC6992-3 (making it 100%
to 5%) and LTC6992-4 (making it 95% to 0%). These
transfer functions are detailed in Figure 4.
Table 2. Duty Cycle Ranges
PART NUMBER
DUTY CYCLE RANGE vs VMOD = 0V → 1V
POL = 0
POL = 1
LTC6992-1
0% to 100%
100% to 0%
LTC6992-2
5% to 95%
95% to 5%
LTC6992-3
0% to 95%
100% to 5%
LTC6992-4
5% to 100%
95% to 0%
OPERATION
Figure 4. PWM Transfer Functions for All LTC6992 Family Parts
VMOD/VSET (V/V)
0
100
90
60
40
20
70
80
50
30
10
0
0.4
0.8 0.9
0.2
0.6
6992 F04a
VMOD/VSET = 0.9
VMOD/VSET = 0.1
1
0.3
0.7
0.1
0.5
POL = 1
POL = 0
VMOD/VSET (V/V)
0
100
90
60
40
20
70
80
50
30
10
0
0.4
0.8 0.9
0.2
0.6
6992 F04b
1
0.3
0.7
0.1
0.5
POL = 1
POL = 0
VMOD/VSET = 0.86
VMOD/VSET = 0.14
VMOD/VSET (V/V)
0
100
90
60
40
20
70
80
50
30
10
0
0.4
0.8 0.9
0.2
0.6
6992 F02c
1
0.3
0.7
0.1
0.5
POL = 1
POL = 0
VMOD/VSET = 0.1
VMOD/VSET = 0.86
VMOD/VSET (V/V)
0
100
90
60
40
20
70
80
50
30
10
0
0.4
0.8 0.9
0.2
0.6
6992 F02d
1
0.3
0.7
0.1
0.5
POL = 1
POL = 0
VMOD/VSET = 0.9
VMOD/VSET = 0.14
LTC6992-1
LTC6992-2
LTC6992-3
LTC6992-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com