Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 25 Page - Analog Devices

Part # LTC6906
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 21Page - Analog Devices LTC6906 Datasheet HTML 22Page - Analog Devices LTC6906 Datasheet HTML 23Page - Analog Devices LTC6906 Datasheet HTML 24Page - Analog Devices LTC6906 Datasheet HTML 25Page - Analog Devices LTC6906 Datasheet HTML 26Page - Analog Devices LTC6906 Datasheet HTML 27Page - Analog Devices LTC6906 Datasheet HTML 28Page - Analog Devices LTC6906 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
25
Rev. D
For more information www.analog.com
TYPICAL APPLICATIONS
Digitally Controlled Duty Cycle with Internal VREF Reference Variation Eliminated
Programming NDIV Using an 8-Bit DAC
6992 TA03
LTC6992-X
MOD
GND
SET
OUT
V+
DIV
RSET
–
+
V+
1/2
LTC6078
R1
C1
0.1µF
R2
LTC1659
VOUT
CLK
µP
CS/LD
DIN
REF
VCC
GND
V+
V+
0.1µF
0.1µF
6992 TA04
LTC6992-X
MOD
GND
SET
OUT
V+
DIV
RSET
C1
0.1µF
LTC2630-LZ8
VOUT
SCK
µP
CS/LD
SDI
VCC
GND
2.25V TO 5.5V
C2
0.1µF
DIVCODE
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
DAC CODE
0
24
40
56
72
88
104
120
136
152
168
184
200
216
232
255
ANALOG PWM
DUTY CYCLE CONTROL
(0V TO 1V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com