Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC6906
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 8Page - Analog Devices LTC6906 Datasheet HTML 9Page - Analog Devices LTC6906 Datasheet HTML 10Page - Analog Devices LTC6906 Datasheet HTML 11Page - Analog Devices LTC6906 Datasheet HTML 12Page - Analog Devices LTC6906 Datasheet HTML 13Page - Analog Devices LTC6906 Datasheet HTML 14Page - Analog Devices LTC6906 Datasheet HTML 15Page - Analog Devices LTC6906 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
12
Rev. D
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Output Resistance
vs Supply Voltage
Rise and Fall Time
vs Supply Voltage
Typical ISET Current Limit vs V+
SUPPLY VOLTAGE (V)
6992 G51
3.0
1.5
2.5
1.0
0.5
2.0
0
2
4
3
5
6
CLOAD = 5pF
tRISE
tFALL
SUPPLY VOLTAGE (V)
6992 G50
50
25
20
35
45
5
10
15
30
40
0
2
4
3
5
6
OUTPUT SOURCING CURRENT
OUTPUT SINKING CURRENT
SUPPLY VOLTAGE (V)
6992 G52
1000
400
800
200
600
0
2
4
3
5
6
SET PIN SHORTED TO GND
V+ = 3.3V, RSET = 200k, and TA = 25°C, unless
otherwise noted.
Typical Start-Up, POL = 0
Typical Start-Up, POL = 1
V+
1V/DIV
OUT
1V/DIV
V+ = 2.5V
DIVCODE = 3 (÷64)
RSET = 50k
VMOD = 0.3V (~25% DUTY CYCLE)
100µs/DIV
6992 G53
500µs
V+
1V/DIV
OUT
1V/DIV
V+ = 2.5V
DIVCODE = 12 (÷64, POL = 1)
RSET = 50k
VMOD = 0.2V (~87.5% DUTY CYCLE)
100µs/DIV
6992 G54
500µs
125kHz Full Modulation
VMOD
0.5V/DIV
OUT
1V/DIV
V+ = 3.3V
DIVCODE = 1
RSET = 100k
50µs/DIV
6992 G55
LTC6992-1
Typical Frequency Error vs
Time (Long-Term Drift)
TIME (h)
6992 G48a
50
0
150
–150
–100
–50
100
200
–200
0
1200
400 800
1600 2000 2400 2800
65 UNITS
SOT-23 AND DFN PARTS
TA = 30°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com