Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC6906
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 4Page - Analog Devices LTC6906 Datasheet HTML 5Page - Analog Devices LTC6906 Datasheet HTML 6Page - Analog Devices LTC6906 Datasheet HTML 7Page - Analog Devices LTC6906 Datasheet HTML 8Page - Analog Devices LTC6906 Datasheet HTML 9Page - Analog Devices LTC6906 Datasheet HTML 10Page - Analog Devices LTC6906 Datasheet HTML 11Page - Analog Devices LTC6906 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
8
Rev. D
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
NDIV > 1 Duty Cycle Error vs RSET
NDIV > 1 Duty Cycle Error vs RSET
NDIV > 1 Duty Cycle Error vs RSET
NDIV = 1 Duty Cycle Clamps
vs RSET
NDIV > 1 Duty Cycle Error vs RSET
RSET (k)
50
–5
0
3
2
1
4
5
100
400
800
–1
–2
–3
–4
200
6992 G13
VMOD/VSET = 0.2 (12.5%)
DIVCODE = 4
3 PARTS
RSET (k)
50
–5
0
3
2
1
4
5
100
400
800
–1
–2
–3
–4
200
6992 G14
VMOD/VSET = 0.5 (50%)
DIVCODE = 4
3 PARTS
RSET (k)
50
–5
0
3
2
1
4
5
100
400
800
–1
–2
–3
–4
200
6992 G15
VMOD/VSET = 0.8 (87.5%)
DIVCODE = 4
3 PARTS
RSET (k)
50
3
8
95
94
93
92
96
97
100
400
800
7
6
5
4
200
6992 G16
DIVCODE = 0
3 PARTS
LTC6992-2/LTC6992-3
VMOD = VSET
LTC6992-2/LTC6992-4
VMOD = VSET
RSET (k)
50
3
8
95
94
93
92
96
97
100
400
800
7
6
5
4
200
6992 G17
DIVCODE = 4
3 PARTS
LTC6992-2/LTC6992-3
VMOD = VSET
LTC6992-2/LTC6992-4
VMOD = VSET
V+ = 3.3V, RSET = 200k, and TA = 25°C, unless
otherwise noted.
NDIV = 1 Duty Cycle Error
vs Temperature
TEMPERATURE (°C)
–50
–5
0
1
2
3
4
5
0
25
50
100 125
–1
–2
–3
–4
–25
75
6992 G18
VMOD/VSET = 0.2 (12.5%)
DIVCODE = 0
3 PARTS
GUARANTEED MAX
GUARANTEED MIN
NDIV = 1 Duty Cycle Error
vs Temperature
TEMPERATURE (°C)
–50
–5
0
1
2
3
4
5
0
25
50
100 125
–1
–2
–3
–4
–25
75
6992 G19
VMOD/VSET = 0.5 (50%)
DIVCODE = 0
3 PARTS
GUARANTEED MAX
GUARANTEED MIN
NDIV = 1 Duty Cycle Error
vs Temperature
TEMPERATURE (°C)
–5
0
1
2
3
4
5
–1
–2
–3
–4
6992 G20
VMOD/VSET = 0.8 (87.5%)
DIVCODE = 0
3 PARTS
GUARANTEED MAX
GUARANTEED MIN
–50
0
25
50
100 125
–25
75
NDIV > 1 Duty Cycle Error
vs Temperature
TEMPERATURE (°C)
–50
–5
0
1
2
3
4
5
0
25
50
100 125
–1
–2
–3
–4
–25
75
6992 G21
VMOD/VSET = 0.2 (12.5%)
DIVCODE = 4
3 PARTS
GUARANTEED MAX
GUARANTEED MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com