Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC6906
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 24Page - Analog Devices LTC6906 Datasheet HTML 25Page - Analog Devices LTC6906 Datasheet HTML 26Page - Analog Devices LTC6906 Datasheet HTML 27Page - Analog Devices LTC6906 Datasheet HTML 28Page - Analog Devices LTC6906 Datasheet HTML 29Page - Analog Devices LTC6906 Datasheet HTML 30Page - Analog Devices LTC6906 Datasheet HTML 31Page - Analog Devices LTC6906 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
28
Rev. D
For more information www.analog.com
TYPICAL APPLICATIONS
Ratiometric Sensor to Pulse Width, Non-Inverting Response
6992 TA09
LTC6992-1
C1
0.15µF
MOD
GND
SET
OUT
V+
DIV
R1
1000k
R2
186k
VS
OUTPUT
DUTY CYCLE = K • 100%
VS
LT1490
K • VS
VS = 2.5V TO 5.5V
RSET
316k
R3
10k
K = 1
K = 0
R4
90.9k
R5
10M
R6
9.09k
RSENSOR
NDIV = 16
fOUT = 10kHz
0.1µF
C2
0.22µF
0.1µF
Ratiometric Sensor to Pulse Width, Inverting Response
6992 TA10
LTC6992-1
C1
0.15µF
MOD
GND
SET
OUT
V+
DIV
R1
1000k
R2
186k
VS
OUTPUT
DUTY CYCLE = (1–K) • 100%
VS
VS
LT1490
VS = 2.5V TO 5.5V
RSET
316k
R3
100k
R4
10k
K = 1
K = 0
R6
90.9k
K • VS
R5
10k
R6
9.09k
RSENSOR
NDIV = 16
fOUT = 10kHz
C2
0.22µF
0.1µF
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com