Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC6906
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 6Page - Analog Devices LTC6906 Datasheet HTML 7Page - Analog Devices LTC6906 Datasheet HTML 8Page - Analog Devices LTC6906 Datasheet HTML 9Page - Analog Devices LTC6906 Datasheet HTML 10Page - Analog Devices LTC6906 Datasheet HTML 11Page - Analog Devices LTC6906 Datasheet HTML 12Page - Analog Devices LTC6906 Datasheet HTML 13Page - Analog Devices LTC6906 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
10
Rev. D
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
NDIV > 1 Duty Cycle vs VMOD/ VSET
NDIV = 1 Duty Cycle Error vs Ideal
NDIV > 1 Duty Cycle Error vs Ideal
NDIV > 1 Duty Cycle Error vs Ideal
VMOD/VSET (V/V)
0
0.2
0
40
80
70
60
50
90
100
0.8
0.6
0.4
1
30
20
10
6992 G31
DIVCODE = 11
3 PARTS
LTC6992-1/
LTC6992-4
LTC6992-2/
LTC6992-4
LTC6992-1/LTC6992-3
LTC6992-2/
LTC6992-3
IDEAL DUTY CYCLE (%)
–5
0
4
3
2
1
5
50
25
0
100
–1
–2
–3
–4
75
6992 G32
DIVCODE = 0
3 PARTS
PART A
PART B
PART C
IDEAL DUTY CYCLE (%)
–5
0
4
3
2
1
5
50
25
0
100
–1
–2
–3
–4
75
6992 G33
DIVCODE = 4
3 PARTS
PART A
PART B
PART C
IDEAL DUTY CYCLE (%)
–5
0
4
3
2
1
5
50
25
0
100
–1
–2
–3
–4
75
6992 G34
DIVCODE = 11
3 PARTS
PART A
PART B
PART C
V+ = 3.3V, RSET = 200k, and TA = 25°C, unless
otherwise noted.
Linearity Near 100% Duty Cycle
VMOD/VSET (V/V)
88
95
99
98
97
96
100
0.836
0.804
0.9
94
93
92
91
90
89
0.868
6992 G35
DIVCODE = 4
LTC6992-1/LTC6992-4
3 PARTS
Linearity Near 95% Duty Cycle
VMOD/VSET (V/V)
88
95
99
98
97
96
100
0.836
0.804
0.9
94
93
92
91
90
89
0.868
6992 G36
DIVCODE = 4
LTC6992-2/LTC6992-3
3 PARTS
Linearity Near 67% Duty Cycle
VMOD/VSET (V/V)
62
67
71
70
69
68
72
0.612
0.628
0.644
0.596
0.676
66
65
64
63
0.66
6992 G37
DIVCODE = 4
3 PARTS
Linearity Near 0% Duty Cycle
VMOD/VSET (V/V)
0
7
11
10
9
8
12
0.116
0.148
0.084
0.18
6
5
4
3
2
1
6992 G38
DIVCODE = 4
LTC6992-1/LTC6992-3
3 PARTS
Linearity Near 5% Duty Cycle
VMOD/VSET (V/V)
0
7
11
10
9
8
12
0.116
0.148
0.084
0.18
6
5
4
3
2
1
6992 G39
DIVCODE = 4
LTC6992-2/LTC6992-4
3 PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com