Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC6906
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 22Page - Analog Devices LTC6906 Datasheet HTML 23Page - Analog Devices LTC6906 Datasheet HTML 24Page - Analog Devices LTC6906 Datasheet HTML 25Page - Analog Devices LTC6906 Datasheet HTML 26Page - Analog Devices LTC6906 Datasheet HTML 27Page - Analog Devices LTC6906 Datasheet HTML 28Page - Analog Devices LTC6906 Datasheet HTML 29Page - Analog Devices LTC6906 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
26
Rev. D
For more information www.analog.com
TYPICAL APPLICATIONS
Changing Between Two Frequencies
6992 TA05
LTC6992-X
MOD
GND
SET
OUT
V+
DIV
R1
0.1µF
0.1µF
R2
RSET
V+
NOTES
WHILE THIS CIRCUIT IS SIMPLER THAN THE CIRCUIT TO THE RIGHT,
ITS FREQUENCY ACCURACY IS WORSE DUE TO THE EFFECT OF
V+ SUPPLY VARIATION FROM SYSTEM TO SYSTEM AND OVER TEMPERATURE.
NOTES
1. WHEN THE NMOSFET IS OFF, THE FREQUENCY IS SET BY RSET = RSET1.
2. WHEN THE NMOSFET IS ON, THE FREQUENCY IS SET BY RSET = RSET1 || RSET2.
3. V+ SUPPLY VARIATION IS NOT A FACTOR AS THE SWITCHING RESISTOR IS
EITHER FLOATING OR CONNECTED TO GROUND.
RVCO
V+
‘HC04
fMAX
fMIN
ANALOG PWM
DUTY CYCLE CONTROL
(0V TO 1V)
LTC6992-X
MOD
GND
SET
OUT
V+
DIV
R1
R2
RSET1
RSET2
V+
ANALOG PWM
DUTY CYCLE CONTROL
(0V TO 1V)
V+
‘HC04
2N7002
fMIN
fMAX
Simple Diode Temperature Sensor
6992 TA06
LTC6992-2
MOD
GND
SET
OUT
V+
DIV
R4
1000k
MOC207M
Q1
OUTPUT
D3
C1
1µF
R5
186k
5V
5V
0.1µF
0.1µF
5V
LT6003
+10mV/C
5V
R1
130k
R2
50k
R3
130k
ADJUST FOR 50% DUTY CYCLE AT 25°C
R7
16.9k
R8
84.5k
R6
45.3k
D1
1N458
R11
422Ω
NDIV = 16
f = 10kHz
PWM OUTPUT FOR ISOLATED MEASUREMENT
+1% DUTY CYCLE CHANGE PER DEGREE C
–10°C TO 65°C RANGE WITH OPTO-ISOLATOR (DC: 15% TO 95%)
R9
365Ω
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com