Electronic Components Datasheet Search
  English  ▼

X  

F0480 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F0480
Description  400 MHz ??2700 MHz 13 dB typical max gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0480 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F0480 Datasheet HTML 1Page - Renesas Technology Corp F0480 Datasheet HTML 2Page - Renesas Technology Corp F0480 Datasheet HTML 3Page - Renesas Technology Corp F0480 Datasheet HTML 4Page - Renesas Technology Corp F0480 Datasheet HTML 5Page - Renesas Technology Corp F0480 Datasheet HTML 6Page - Renesas Technology Corp F0480 Datasheet HTML 7Page - Renesas Technology Corp F0480 Datasheet HTML 8Page - Renesas Technology Corp F0480 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
3
Rev 3, April 2015
IDTF0480NBGI
Datasheet
IDTF0480 RECOMMENDED OPERATING CONDITIONS
Parameter
Symbo
l
Conditions
Min
Typ
Max
Unit
s
Supply Voltage(s)
VCC
All VCC pins
4.75
5.25
V
Operating Temperature
Range
TCASE
Case Temperature
-40
+105
°C
RF Freq Range
FRF
Operating Range
400
2700
MHz
RF Source Impedance
ZRFI
Single Ended
50
RF Load Impedance
ZRFO
Single Ended
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com