Electronic Components Datasheet Search
  English  ▼

X  

F0480 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F0480
Description  400 MHz ??2700 MHz 13 dB typical max gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0480 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F0480 Datasheet HTML 2Page - Renesas Technology Corp F0480 Datasheet HTML 3Page - Renesas Technology Corp F0480 Datasheet HTML 4Page - Renesas Technology Corp F0480 Datasheet HTML 5Page - Renesas Technology Corp F0480 Datasheet HTML 6Page - Renesas Technology Corp F0480 Datasheet HTML 7Page - Renesas Technology Corp F0480 Datasheet HTML 8Page - Renesas Technology Corp F0480 Datasheet HTML 9Page - Renesas Technology Corp F0480 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
6
Rev 3, April 2015
IDTF0480NBGI
Datasheet
IDTF0480 SPECIFICATION - MIDBAND PERFORMANCE
See F0480 Typical Application Circuit. Specifications apply when operated as an RF DVGA, VCC = +5.00 V,
TC = +25 °C, FRF = 2000 MHz, Band_Select = HB setting, Max gain setting, output power = 0 dBm,
ZRFI = ZRFO = 50 Ω, the evaluation board and connector losses are de-embedded, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
RF input return loss
RLIN_MB
13
dB
RF output return loss
RLOut_MB
17
dB
Gain
GMAX_MB
11.9
13.1
14.2
dB
GMIN_MB
Maximum attenuation
-11
-9.9
-8.7
GTEMP_MB
Variation over Temperature
± 0.3
GVAR_MB
Max gain variation over
frequency
5
0.1
Step Error
GACC_MB
Between adjacent states
± 0.1
dB
Absolute Error
GABSACC_MB
Relative to maximum gain
- 0.6
± 0.2
+ 0.6
dB
Phase deviation
GPH_ADJ_MB
Between adjacent states at
maximum gain
2
Deg
Noise Figure
NFMB
4.5
dB
NFMB_MG
Tcase = +105 °C
5.5
5.9
NFMB_RG
22 dB attenuation
26.7
28.2
Output Third Order
Intercept Point
OIP3_MB-1
Pout = 0 dBm/Tone,
1 MHz tone separation
38
41.5
dBm
OIP3_MB-2
Pout = -10 dBm/Tone,
1 MHz tone separation
42.5
OIP3_MB-3
Pout = 0 dBm/Tone,
1 MHz tone separation, Worst
case in the operating
temperature range
39
41.1
OIP3_MB-6dB
Pout = 0 dBm/Tone,
1 MHz tone separation with
6 dB attenuation
41.5
Output 1 dB Power
Compression
OP1dB_MB
22.2
dBm
Output 0.2 dB Power
Compression
OP0.2dB_MB
18.5
dBm
Output Saturated Power
PSAT_MB
3 dB compression
22.7
dBm
Reverse Isolation
REVISO_MB
18
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com