Electronic Components Datasheet Search
  English  ▼

X  

F0480 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # F0480
Description  400 MHz ??2700 MHz 13 dB typical max gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0480 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button F0480 Datasheet HTML 14Page - Renesas Technology Corp F0480 Datasheet HTML 15Page - Renesas Technology Corp F0480 Datasheet HTML 16Page - Renesas Technology Corp F0480 Datasheet HTML 17Page - Renesas Technology Corp F0480 Datasheet HTML 18Page - Renesas Technology Corp F0480 Datasheet HTML 19Page - Renesas Technology Corp F0480 Datasheet HTML 20Page - Renesas Technology Corp F0480 Datasheet HTML 21Page - Renesas Technology Corp F0480 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
18
Rev 3, April 2015
IDTF0480NBGI
Datasheet
STABILITY CONSIDERATIONS
The IDTF0480 EVkit is unconditionally stable as shown on page 14, bottom right graph.
One can ensure that the device itself is unconditionally stable (Rollett Stability factor [K] > 1) regardless of trace and
connector losses present in the actual application by adding a shunt 500 ohm resistor at the output. For the HB
configuration , it is also advised to change R8 to 400K and C5 to 4.7 pF.
This 500 ohm shunt load will reduce the gain by about 0.4 dB but leave the rest of the performance parameters such
as IP3, S22, etc. virtually unchanged.
The 500 ohm shunt load will ensure that the device is unconditionally stable WITHOUT the presence of the input and
output traces and connectors associated with the EVkit. In all cases we do recommend that the output capacitor, C5,
be placed as close to the output of the package as possible.
Gain Comparison (25C Ambient) and Output IP3 Comparison (2.7 GHz Frequency)
Shunt 500 ohm output resistor with
100 pF DC block to ground.
Alternately can be hooked directly to
V
CC in parallel with RF choke inductor
Change C5 to 4.7 pF
(HB config only)
Change R8 to 400K
(HB config only)
7
8
9
10
11
12
13
14
15
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
No Load
Shunt 500 ohm Load
Frequency (GHz)
5
10
15
20
25
30
35
40
45
50
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
No Load 25C
Shunt Load 25C
No Load -40C
Shunt Load -40C
No Load 105C
Shunt Load 105C
Output Power / Tone (dBm)
Output Power / Tone (dBm)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
No Load
Shunt 500 ohm Load
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com