Electronic Components Datasheet Search
  English  ▼

X  

F0480 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F0480
Description  400 MHz ??2700 MHz 13 dB typical max gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0480 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F0480 Datasheet HTML 12Page - Renesas Technology Corp F0480 Datasheet HTML 13Page - Renesas Technology Corp F0480 Datasheet HTML 14Page - Renesas Technology Corp F0480 Datasheet HTML 15Page - Renesas Technology Corp F0480 Datasheet HTML 16Page - Renesas Technology Corp F0480 Datasheet HTML 17Page - Renesas Technology Corp F0480 Datasheet HTML 18Page - Renesas Technology Corp F0480 Datasheet HTML 19Page - Renesas Technology Corp F0480 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
16
Rev 3, April 2015
IDTF0480NBGI
Datasheet
TOCS [BROADBAND CONFIG] (-6-)
OIP3 vs. TCASE & Tone Offset [0 dB ATTN]
OIP3 vs. TCASE & Tone Offset [13 dB ATTN]
Wideband OIP2 [TAMB = 25C, Pout = -10 dBm/Tone]
OIP3 vs. TCASE & Tone Offset [10 dB ATTN]
Gain vs. TCASE & ATTN setting
Wideband OIP2 [TAMB = 25C, Pout = 0 dBm/Tone]
12
16
20
24
28
32
36
40
44
48
52
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-40C / 1MHz / 0dB attn
-40C / 5MHz / 0dB attn
-40C / 15MHz / 0dB attn
35C / 1MHz / 0dB attn
35C / 5MHz / 0dB attn
35C / 15MHz / 0dB attn
105C / 1MHz / 0dB attn
105C / 5MHz / 0dB attn
105C / 15MHz / 0dB attn
RF Frequency (GHz)
Broad-Band
Configuration
R7 = 2.2K
R8 = 20K
C5 = 9pF
12
16
20
24
28
32
36
40
44
48
52
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-40C / 1MHz / 13dB attn
-40C / 5MHz / 13dB attn
-40C / 15MHz / 13dB attn
35C / 1MHz / 13dB attn
35C / 5MHz / 13dB attn
35C / 15MHz / 13dB attn
105C / 1MHz / 13dB attn
105C / 5MHz / 13dB attn
105C / 15MHz / 13dB attn
RF Frequency (GHz)
Broad-Band
Configuration
R7 = 2.2K
R8 = 20K
C5 = 9pF
MHz
MHz
MHz
MHz
dBm
dBm
dBm
dBm
F1
F2
IMD2- IMD2+ IMD2- OIP2- IMD2+ OIP2+
700
1950
1250
2650
-71.1
51.1
-69.3
49.3
700
1720
1020
2420
-70.4
50.4
-69.6
49.6
700
2650
1950
-71.8
51.8
824
900
1724
-71.5
51.5
900
1720
820
2620
-70.4
50.4
-70.3
50.3
1755
2600
845
-69.4
49.4
1900
2600
700
-69.3
49.3
12
16
20
24
28
32
36
40
44
48
52
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-40C / 1MHz / 10dB attn
-40C / 5MHz / 10dB attn
-40C / 15MHz / 10dB attn
35C / 1MHz / 10dB attn
35C / 5MHz / 10dB attn
35C / 15MHz / 10dB attn
105C / 1MHz / 10dB attn
105C / 5MHz / 10dB attn
105C / 15MHz / 10dB attn
RF Frequency (GHz)
Broad-Band
Configuration
R7 = 2.2K
R8 = 20K
C5 = 9pF
-4
-2
0
2
4
6
8
10
12
14
16
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-40C / 1MHz / 0dB attn
-40C / 1MHz / 10dB attn
-40C / 1MHz / 13dB attn
35C / 1MHz / 0dB attn
35C / 1MHz / 10dB attn
35C / 1MHz / 13dB attn
105C / 1MHz / 0dB attn
105C / 1MHz / 10dB attn
105C / 1MHz / 13dB attn
RF Frequency (GHz)
Broad-Band Configuration
R7 = 2.2K / R8 = 20K / C5 = 9pF
MHz
MHz
MHz
MHz
dBm
dBm
dBm
dBm
F1
F2
IMD2- IMD2+ IMD2- OIP2- IMD2+ OIP2+
700
1950
1250
2650
-50.9
50.9
-49.2
49.2
700
1720
1020
2420
-50.2
50.2
-49.5
49.5
700
2650
1950
-51.4
51.4
824
900
1724
-51.2
51.2
900
1720
820
2620
-50.0
50.0
-50.2
50.2
1755
2600
845
-49.0
49.0
1900
2600
700
-48.9
48.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com