Electronic Components Datasheet Search
  English  ▼

X  

F0480 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # F0480
Description  400 MHz ??2700 MHz 13 dB typical max gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0480 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button F0480 Datasheet HTML 18Page - Renesas Technology Corp F0480 Datasheet HTML 19Page - Renesas Technology Corp F0480 Datasheet HTML 20Page - Renesas Technology Corp F0480 Datasheet HTML 21Page - Renesas Technology Corp F0480 Datasheet HTML 22Page - Renesas Technology Corp F0480 Datasheet HTML 23Page - Renesas Technology Corp F0480 Datasheet HTML 24Page - Renesas Technology Corp F0480 Datasheet HTML 25Page - Renesas Technology Corp F0480 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
22
Rev 3, April 2015
IDTF0480NBGI
Datasheet
PIN DESCRIPTION
Pin
Name
Function
1, 5, 6, 7, 24,
25, 26, 27, 28,
29, 30, 31, 32
N.C.
No Connection. Not internally connected. OK to connect to VCC. OK to
connect to GND.
2, 4, 14, 16, 18,
21, 23
GND
Ground these pins.
3
RFIN
RF input internally matched to 50
. Must use external DC block as close
to the pin as possible.
8
SPI Data
1
Data input: 3.3V or 1.8V CMOS compatible. Set LogicCTL pin 11 for
desired logic voltage.
9
SPI CLK
1
Clock input: 3.3V or 1.8V CMOS compatible. Set LogicCTL pin 11 for
desired logic voltage.
10
SPI CSb
1
Chip Select input: 3.3V or 1.8V CMOS compatible. Set LogicCTL pin 11 for
desired logic voltage. Active LOW shifts data.
11
LogicCTL
LogicCTL ≥ VIH or Open Circuit sets 3.3V logic for SPI pins 8, 9, and 10.
LogicCTL ≤ VIL sets 1.8V logic for SPI pins 8, 9, and 10. A ~100Kohm
pull-up resistor connects between the input and Vcc/2. For 1.8V logic,
connect 0 Ω resistor to GND.
12
VCC
5 V Power Supply. Tie to VCC and connect 2 bypass capacitors with
values 1000 pf (closest to pin) and 0.1 µF. See Typical Application Circuit
for details.
13
VCC
5 V Power Supply. Tie to VCC and connect 2 bypass capacitors with
values 1000 pf (closest to pin) and 0.1 µF. See Typical Application Circuit
for details.
15
Band_Select
Leave pin open circuited for lowband select and connect 0 Ω resistor to
GND for highband select. A ~1.5Mohm pull-up resistor connects between
the input and VCC. 3.3V and 1.8V CMOS logic compatible.
17
STBY
Standby (Low/Open = device power ON, High = device power OFF with
SPI still powered ON). A ~1Mohm pull-down resistor connects between
the input and GND. 3.3V and 1.8V CMOS logic compatible
19
R_Bias1
Connect external resistor to GND to optimize amplifier bias. Used in
conjunction with pin 20.
20
R_Bias2
Connect external resistor to GND to optimize amplifier bias. Used in
conjunction with pin 19.
22
RFOUT
RF output. Must use external DC block as close to the pin as possible.
33
— EP
Exposed Pad. Internally connected to GND. Solder this exposed pad to a
PCB pad that uses multiple ground vias to provide heat transfer out of
the device into the PCB ground planes. These multiple via grounds are
also required to achieve the noted RF performance.
1. The SPI interface should be built up by an 8-bit word where 5 bits are used for attenuation setting (see
F0480 DVGA Attenuation word truth table above).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com