Electronic Components Datasheet Search
  English  ▼

X  

F0480 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # F0480
Description  400 MHz ??2700 MHz 13 dB typical max gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0480 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button F0480 Datasheet HTML 6Page - Renesas Technology Corp F0480 Datasheet HTML 7Page - Renesas Technology Corp F0480 Datasheet HTML 8Page - Renesas Technology Corp F0480 Datasheet HTML 9Page - Renesas Technology Corp F0480 Datasheet HTML 10Page - Renesas Technology Corp F0480 Datasheet HTML 11Page - Renesas Technology Corp F0480 Datasheet HTML 12Page - Renesas Technology Corp F0480 Datasheet HTML 13Page - Renesas Technology Corp F0480 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
10
Rev 3, April 2015
IDTF0480NBGI
Datasheet
SUGGESTED C5, R7, AND R8 VALUES FOR OPTIMUM PERFORMANCE (UNLESS OTHERWISE NOTED IN
TOCS)
Band
Freq Range
(MHz)
Band Select
Pin 15
R7
(kΩ
Ω
Ω
Ω)
R8
(kΩ
Ω
Ω
Ω)
C5
(pF)
ICC
(mA
)
Low-Band
700 - 1100
LB (Open)
2.2
9.1
9
100
Mid-Band
1100 - 2200
HB (GND)
2.4
27
9
117
High-Band
2200 - 2700
HB (GND)
2.67
75
6
109
Broad-Band
(p. 16 TOCs)
400 - 2700
HB (GND)
2.2
20
9
124
TYPICAL OPERATING CONDITIONS
Unless otherwise noted for the TOC graphs, the following conditions apply
•
Vcc = 5.0 V
•
Pout = 0 dBm / Tone
•
1 MHz Tone Spacing
•
TCASE = 35 °C, TAMB = 25 °C
•
ATTN setting = 0 dB (Max Gain)
•
EVkit losses (traces and connectors) fully de-embedded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com