Electronic Components Datasheet Search
  English  ▼

X  

F0480 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # F0480
Description  400 MHz ??2700 MHz 13 dB typical max gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0480 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button F0480 Datasheet HTML 13Page - Renesas Technology Corp F0480 Datasheet HTML 14Page - Renesas Technology Corp F0480 Datasheet HTML 15Page - Renesas Technology Corp F0480 Datasheet HTML 16Page - Renesas Technology Corp F0480 Datasheet HTML 17Page - Renesas Technology Corp F0480 Datasheet HTML 18Page - Renesas Technology Corp F0480 Datasheet HTML 19Page - Renesas Technology Corp F0480 Datasheet HTML 20Page - Renesas Technology Corp F0480 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
17
Rev 3, April 2015
IDTF0480NBGI
Datasheet
TOCS [HISTOGRAMS] (-7-)
Gain [N = 2107]
Total Current [MidBand Config, N = 2107]
OIP3 [Freq = 2.0 GHz, N = 2107]
ATTN Accuracy [Freq = 2.0 GHz, N = 2107]
0%
10%
20%
30%
40%
50%
60%
70%
Gain Bin (dB)
900M
2000M
2700M
0%
5%
10%
15%
20%
Current Draw Bin (mA)
Icc
0%
5%
10%
15%
20%
Output IP3 Bin (dBm)
OIP3
0%
10%
20%
30%
40%
50%
Attenuation Accuracy Bin (dB)
6 dB ATTN
23 dB ATTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com