Electronic Components Datasheet Search
  English  ▼

X  

F0480 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F0480
Description  400 MHz ??2700 MHz 13 dB typical max gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0480 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F0480 Datasheet HTML 1Page - Renesas Technology Corp F0480 Datasheet HTML 2Page - Renesas Technology Corp F0480 Datasheet HTML 3Page - Renesas Technology Corp F0480 Datasheet HTML 4Page - Renesas Technology Corp F0480 Datasheet HTML 5Page - Renesas Technology Corp F0480 Datasheet HTML 6Page - Renesas Technology Corp F0480 Datasheet HTML 7Page - Renesas Technology Corp F0480 Datasheet HTML 8Page - Renesas Technology Corp F0480 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
4
Rev 3, April 2015
IDTF0480NBGI
Datasheet
IDTF0480 SPECIFICATION
See F0480 Typical Application Circuit. Specifications apply when operated as an RF DVGA, VCC = +5.00 V,
TC = +25 °C, Max gain setting, output power = 0 dBm, ZRFI = ZRFO = 50 Ω, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Logic Input High
VIH
JEDEC 3.3V logic
2.0
1
V
Logic Input Low
VIL
JEDEC 3.3V logic
0.8
V
Logic Input High
VIH
JEDEC 1.8V logic
1.1
V
Logic Input Low
VIL
JEDEC 1.8V logic
0.63
V
Logic Current
IIH, IIL
STBY, Band_Select
-10
+10
µA
SPI_
-4
+4
Logic CTL
-35
+35
Supply Current
3
ICC_LB
Low Band Configuration
100
mA
ICC_MB
Mid Band Configuration
117
128
ICC_HB
High Band Configuration
109
ICC_STBY
Standby Mode
1.3
1.7
Startup time
50% of STBY going low to
Gain within ± 1 dB with no
attenuation.
250
ns
Gain adjustment range
GADJ
23
dB
Gain step
GSTEP
1
dB
Max Attenuator Glitch
ATTNG
Step from 15 to 16 dB or 16 to
15 dB
0.5
dB
Gain Settling Time
GST
50% of CSb to ± 0.1 dB of
settled gain
500
ns
Serial Clock Speed
10
MHz
CSb to first serial clock
rising edge
A
SPI 3 wire Bus. 50% of CSb
falling edge to 50% of CLK
rising edge.
10
ns
Serial Data Hold Time
B
SPI 3 wire Bus. 50% of CLK
rising edge to 50% of Data
falling edge.
10
ns
Final serial clock rising
edge to CSb
C
SPI 3 wire Bus. 50% of CLK
rising edge to 50% of CSB
rising edge.
10
ns
Note 1: Items in min/max columns in
bold italics are Guaranteed by Test.
Note 2: Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
Note 3: During standby mode, SPI is to be left ON and previous state shall be maintained when device is powered up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com