Electronic Components Datasheet Search
  English  ▼

X  

F0480 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # F0480
Description  400 MHz ??2700 MHz 13 dB typical max gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0480 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button F0480 Datasheet HTML 20Page - Renesas Technology Corp F0480 Datasheet HTML 21Page - Renesas Technology Corp F0480 Datasheet HTML 22Page - Renesas Technology Corp F0480 Datasheet HTML 23Page - Renesas Technology Corp F0480 Datasheet HTML 24Page - Renesas Technology Corp F0480 Datasheet HTML 25Page - Renesas Technology Corp F0480 Datasheet HTML 26Page - Renesas Technology Corp F0480 Datasheet HTML 27Page - Renesas Technology Corp F0480 Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
25
Rev 3, April 2015
IDTF0480NBGI
Datasheet
EVKIT / APPLICATIONS CIRCUIT (CONT)
EVKIT BOM
Item
#
Part Reference
QTY
DESCRIPTION
Mfr. Part #
Mfr.
1
C5
1
LB Mode - CAP CER 9PF 50V C0G (0402)
GRM1555C1H9R0DZ01D
Murata
1
MB Mode - CAP CER 9PF 50V C0G (0402)
GRM1555C1H9R0DZ01D
1
HB Mode - CAP CER 6PF 50V C0G (0402)
GRM1555C1H6R0DZ01D
1
BB Mode - CAP CER 9PF 50V C0G (0402)
GRM1555C1H9R0DZ01D
2
C4, C32, C33
3
CAP CER 2PF 50V C0G (0402)
GRM1555C1H2R0BA01D
Murata
3
C3
1
CAP CER 47PF 50V C0G (0402)
GRM1555C1H470JZ01D
Murata
4
C35, C36
2
CAP CER 1000PF 50V C0G (0402)
GRM1555C1H102JA01D
Murata
5
C34, C37
2
CAP CER 0.1UF 16V 10% X7R (0402)
GRM155R71C104KA88D
Murata
6
C31
1
CAP CER 10UF 6.3V X5R 0603
GRM188R60J106ME47D
Murata
7
R6, R9
2
RES 0.0 OHM 1/10W (0402) SMD
ERJ-2GE0R00X
Panasonic
8
R5
1
RES 20 OHM 1/10W 1% (0402) SMD
ERJ-2RKF20R0X
Panasonic
9
R1, R3, R4
3
RES 4700 OHM 1/10W 5% (0402) SMD
ERJ-2GEJ472X
Panasonic
10
R7
1
LB Mode - RES 2.2 KOHM 1/10W (0402) SMD
ERJ-2RKF2201X
Panasonic
1
MB Mode - RES 2.4 KOHM 1/10W (0402) SMD
ERJ-2RKF2401X
1
HB Mode - RES 2.67 KOHM 1/10W (0402) SMD
ERJ-2RKF2671X
1
BB Mode - RES 2.2 KOHM 1/10W (0402) SMD
ERJ-2RKF2201X
11
R8
1
LB Mode - RES 9.1 KOHM 1/10W (0402) SMD
ERJ-2RKF9101X
Panasonic
1
MB Mode - RES 27 KOHM 1/10W (0402) SMD
ERJ-2RKF2702X
1
HB Mode - RES 75 KOHM 1/10W (0402) SMD
ERJ-2RKF7502X
1
BB Mode - RES 20 KOHM 1/10W (0402) SMD
ERJ-2RKF2002X
12
J1, J6, J7
3
SMA_END_LAUNCH (small)
142-0711-821
Emerson Johnson
13
J3, J4, J5, J8
4
CONN HEADER VERT SGL 2POS GOLD
961102-6404-AR
3M
14
J2
1
CONN HEADER VERT SGL 4POS GOLD
961104-6404-AR
3M
15
U1
1
RF Amp
F0480
IDT
16
1
Printed Circuit Board
F0480 EVKIT
SBC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com