Electronic Components Datasheet Search
  English  ▼

X  

F0480 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F0480
Description  400 MHz ??2700 MHz 13 dB typical max gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0480 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F0480 Datasheet HTML 8Page - Renesas Technology Corp F0480 Datasheet HTML 9Page - Renesas Technology Corp F0480 Datasheet HTML 10Page - Renesas Technology Corp F0480 Datasheet HTML 11Page - Renesas Technology Corp F0480 Datasheet HTML 12Page - Renesas Technology Corp F0480 Datasheet HTML 13Page - Renesas Technology Corp F0480 Datasheet HTML 14Page - Renesas Technology Corp F0480 Datasheet HTML 15Page - Renesas Technology Corp F0480 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
12
Rev 3, April 2015
IDTF0480NBGI
Datasheet
TOCS [COMPRESSION, NF] (-2-)
Gain Compression [2000 MHz]
Gain Compression [2700 MHz]
Noise Figure vs. Temperature
Phase Compression [2000 MHz]
Phase Compression [2700 MHz]
Worst Case NF vs. Frequency [105C, 5.25V]
-4.0
-3.6
-3.2
-2.8
-2.4
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
14
15
16
17
18
19
20
21
22
23
24
-40degC / 5.25V
-40degC / 5.00V
-40degC / 4.75V
35degC / 5.25V
35degC / 5.00V
35degC / 4.75V
105degC / 5.25V
105degC / 5.00V
105degC / 4.75V
Output Power (dBm)
-4.0
-3.6
-3.2
-2.8
-2.4
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
14
15
16
17
18
19
20
21
22
23
24
-40degC / 5.25V
-40degC / 5.00V
-40degC / 4.75V
35degC / 5.25V
35degC / 5.00V
35degC / 4.75V
105degC / 5.25V
105degC / 5.00V
105degC / 4.75V
Output Power (dBm)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
-40
-20
0
20
40
60
80
100
Case Temperature (degC)
700MHz / LB
900MHz / LB
1700MHz / MB
2000MHz / MB
2300MHz / HB
2700MHz / HB
-40
-36
-32
-28
-24
-20
-16
-12
-8
-4
0
4
8
12
14
15
16
17
18
19
20
21
22
23
24
-40degC / 5.25V
-40degC / 5.00V
-40degC / 4.75V
35degC / 5.25V
35degC / 5.00V
35degC / 4.75V
105degC / 5.25V
105degC / 5.00V
105degC / 4.75V
Output Power (dBm)
-40
-36
-32
-28
-24
-20
-16
-12
-8
-4
0
4
8
12
14
15
16
17
18
19
20
21
22
23
24
-40degC / 5.25V
-40degC / 5.00V
-40degC / 4.75V
35degC / 5.25V
35degC / 5.00V
35degC / 4.75V
105degC / 5.25V
105degC / 5.00V
105degC / 4.75V
Output Power (dBm)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
700
900
1100 1300 1500 1700 1900 2100 2300 2500 2700
Frequency (MHz)
LB SN47
MB SN28
HB SN56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com