Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4124
Description  Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 5 Page - Analog Devices

  LTC4124 Datasheet HTML 1Page - Analog Devices LTC4124 Datasheet HTML 2Page - Analog Devices LTC4124 Datasheet HTML 3Page - Analog Devices LTC4124 Datasheet HTML 4Page - Analog Devices LTC4124 Datasheet HTML 5Page - Analog Devices LTC4124 Datasheet HTML 6Page - Analog Devices LTC4124 Datasheet HTML 7Page - Analog Devices LTC4124 Datasheet HTML 8Page - Analog Devices LTC4124 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC4126-ADJ
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Charge Current vs Battery Voltage
Charge Voltage vs Temperature
Li-Ion Battery Charge Profile
Charge Current vs VCC-to-VBAT
Differential Voltage
Charge Current vs Temperature
CHRG Pin Current vs Temperature
VCC Quiescent Current
vs Temperature
ACIN and VCC Waveforms when
Shunt Active
TA = 25°C, unless otherwise noted.
VCC = 5V
RPROG = 12.4k
VBAT (V)
2.7
3
3.3
3.6
3.9
4.2
4.5
0
1
2
3
4
5
6
7
8
4126-ADJ G01
TEMPERATURE (°C)
–20
–5
10
25
40
55
70
85
4.15
4.16
4.17
4.18
4.19
4.20
4.21
4.22
4.23
4126-ADJ G02
VCC = 5V
VBAT = 3.8V
VCC - VBAT (mV)
0
50
100
150
200
250
0
1
2
3
4
5
6
7
8
4126-ADJ G04
RPROG = 12.4k
VCC = 5V
VBAT = 4.5V
NTC ENABLED
TEMPERATURE (°C)
–20
–5
10
25
40
55
70
85
44
46
48
50
52
54
4126-ADJ G07
VCC
ACIN
–10
–6
–2
2
6
10
4126-ADJ G08
TIME (100µs/DIV)
VCC = 5V
VBAT = 3.8V
TEMPERATURE (°C)
–20
–5
10
25
40
55
70
85
7.0
7.1
7.2
7.3
7.4
7.5
7.6
7.7
7.8
7.9
8.0
4126-ADJ G05
RPROG = 12.4k
VCC = 5V
CHARGING DONE
CHRG PIN PULLED UP TO 5V
TEMPERATURE (°C)
–20
–5
10
25
40
55
70
85
270
275
280
285
290
295
300
305
310
4126-ADJ G06
VCC = 5V
RPROG = 12.4k
CHARGE CURRENT
BATTERY VOLTAGE
TIME (MIN)
0
50 100 150 200 250 300 350 400
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4126-ADJ G03
DC/DC Output Voltage
vs Battery Voltage
REGULATED 3:1 MODE
MODE
MODE
IOUT = 1mA
IOUT = 2mA
IOUT = 3mA
VBAT (V)
3
3.3
3.6
3.9
4.2
1.00
1.02
1.04
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
4126-ADJ G09
OPEN
LOOP
3:1
REG.
2:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com