Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC4124
Description  Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 13Page - Analog Devices LTC4124 Datasheet HTML 14Page - Analog Devices LTC4124 Datasheet HTML 15Page - Analog Devices LTC4124 Datasheet HTML 16Page - Analog Devices LTC4124 Datasheet HTML 17Page - Analog Devices LTC4124 Datasheet HTML 18Page - Analog Devices LTC4124 Datasheet HTML 19Page - Analog Devices LTC4124 Datasheet HTML 20Page - Analog Devices LTC4124 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC4126-ADJ
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
resonant capacitance and RL-AC is the equivalent AC load
resistance.
One simplification is as follows:
RL–AC ≈
RL–DC
2
which assumes that the drop across the Schottky diode is
muchsmallerthantheamplitude|VRX|.Additionally,RL-DC
can be approximated as the ratio of the output voltage
(VOUT) to the output current (IOUT):
RL–DC =
VOUT
IOUT
The amplitude of the current in the transmit coil |ITX| can
be either measured directly or its initial (no receiver) value
can be calculated based on the transmitter circuit. This
initial value is a conservative estimate since the amplitude
of the transmitter coil current will drop as soon as the
receiver, with a load, is coupled to it.
The coupling factor (k) between the two coils could be
obtained by running a finite element simulation inputting
the coil dimensions and physical configurations. An easier
methodtoobtainthiscouplingnumber,istousetheseries-
aidingandseries-cancellingmeasurementmethodfortwo
loosely coupled coils as shown in Figure 13.
And:
LAIDING = LAB
LCANCELLING = LCD
k
=
LAIDING –LCANCELLING
4 LTXLRX
Figure 11. Typical Acceptable Voltage Waveform
on the ACIN Pin with VCC – VACIN < 16V.
Figure 12. Modeling Parallel Resonant Configuration
and Half Wave Rectifier on the Receiver
Figure 13. Series-Aiding and Series-Cancelling Method
Configurations Used for Measuring the Coupling Factor k
Asanalternativetousingtheempiricalmethodtodetermine
themaximumnegativevoltageontheACINpin,thefollowing
formula can be used in conjunction with Figure 12, which
shows a parallel resonant configuration on the receiver:
VRX =
ωk LTXLRX
1–
ω2LRXCRX
(
)2+ ω LRX
RL–AC
⎛
⎝⎜
⎞
⎠⎟
ITX
VCC
ACIN
–10
–6
–2
2
6
10
4126-ADJ F11
TIME (100µs/DIV)
4126-ADJ F12
LRX
CRX
RL–AC
LTX
ITX
VRX
LRX
CRX
CRECT
RL–DC
LTX
ITX
IOUT
VOUT
•
•
•
•
4126-ADJ F13
LTX
LTX
LRX
LRX
A
B
C
D
|VRX| is the amplitude of the voltage on the receiver coil,
|ITX| is the amplitude of the current in the transmit coil,
k is the coupling factor between the transmit and receive
coils,  is the operating frequency in radians per second,
LTX is the self-inductance of the transmit coil, LRX is the
self-inductance of the receive coil, CRX is the receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com