Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC4124
Description  Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 16Page - Analog Devices LTC4124 Datasheet HTML 17Page - Analog Devices LTC4124 Datasheet HTML 18Page - Analog Devices LTC4124 Datasheet HTML 19Page - Analog Devices LTC4124 Datasheet HTML 20Page - Analog Devices LTC4124 Datasheet HTML 21Page - Analog Devices LTC4124 Datasheet HTML 22Page - Analog Devices LTC4124 Datasheet HTML 23Page - Analog Devices LTC4124 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC4126-ADJ
20
Rev. 0
For more information www.analog.com
Figure 15. NTC Thermistor Connection with
Desensitizing Resistor RD
LTC4126-ADJ
NTC
BAT
NTC RESISTOR
THERMALLY COUPLED
WITH BATTERY
VCC
4126-ADJ F15
RBIAS
RD
RNTC
+
Li-Ion
APPLICATIONS INFORMATION
Similarly, since the Too Cold comparator threshold in
the LTC4126-ADJ is internally set to 76.5% of VCC, the
resistance of the thermistor at the cold threshold, RCOLD,
can be computed using the following equation:
RCOLD
RCOLD +RBIAS
= 0.765
This can be simplified as:
RCOLD
RBIAS
= 3.25
Again, if RBIAS is chosen to have a value equal to the
value of the chosen NTC thermistor at 25°C (R25), then
RCOLD/R25 = 3.25. For the same Vishay thermistor with
β25/85 = 3950k, the ratio RT/R25 = 3.25 corresponds to
approximately 0°C.
The hot/cold temperature thresholds can be increased or
decreased by choosing an RBIAS value which is not the
same as R25. For example, if a hot temperature threshold
of 50°C is desired, consult the resistance/temperature
conversion table of the thermistor to find the ratio R50/
R25. For the same Vishay thermistor used above, this
ratio is 0.3631. Since RHOT/RBIAS = 0.536, RBIAS can be
calculated as follows:
RBIAS =
RHOT
0.536
=
0.3631•R25
0.536
= 0.677 •R25
This means: choose an RBIAS value which is 67.7% of the
value of the thermistor at 25°C to set the hot temperature
threshold to 50°C. However, this will automatically shift
the cold temperature threshold upward too. The cold
temperature threshold can be recalculated by computing
the RCOLD/R25 ratio as follows:
RCOLD
R25
=
RCOLD
RBIAS
•
RBIAS
R25
= 3.25 • 0.677 = 2.202
From the conversion table, this ratio corresponds to
about 8°C. Note that changing the value of RBIAS to be
smaller than R25 moves both the hot and cold thresholds
higher. Similarly, RBIAS with a value greater than R25 will
move both the hot and cold thresholds lower. Also note
that with only one degree of freedom (i.e. adjusting the
value of RBIAS), the user can only set either the cold or
hot threshold but not both.
It is possible to adjust the hot and cold threshold indepen-
dently by introducing another resistor as a second degree
of freedom (Figure 15). The resistor RD in effect reduces
the sensitivity of the resistance between the NTC pin and
ground.Therefore,intuitivelythisresistorwillmovethehot
threshold to a hotter temperature and the cold threshold
to a colder temperature. The value of RBIAS and RD can
now be set according to the following formula:
RBIAS =
RCOLD –RHOT
(
)
2.714
RD = 0.197 •RCOLD – 1.197 •RHOT
Note that this method can only be used to push the hot and
cold temperature thresholds apart from each other. When
using the formulas above, if the user finds that a negative
value is needed for RD, the two temperature thresholds
selected are too close to each other and a higher sensitiv-
ity thermistor is needed. For example, this method can be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com