Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4124
Description  Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 6Page - Analog Devices LTC4124 Datasheet HTML 7Page - Analog Devices LTC4124 Datasheet HTML 8Page - Analog Devices LTC4124 Datasheet HTML 9Page - Analog Devices LTC4124 Datasheet HTML 10Page - Analog Devices LTC4124 Datasheet HTML 11Page - Analog Devices LTC4124 Datasheet HTML 12Page - Analog Devices LTC4124 Datasheet HTML 13Page - Analog Devices LTC4124 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC4126-ADJ
10
Rev. 0
For more information www.analog.com
OPERATION
The LTC4126-ADJ is a low power battery charger with
an integrated step-down DC/DC converter designed to
wirelessly charge single-cell Li-Ion batteries and provide
a 1.2V output suitable for powering a hearing-aid ASIC.
The part has three principal circuit components: an AC
power controller, a full-featured linear battery charger, and
a step-down DC/DC converter.
AC POWER CONTROLLER
A complete wireless power transfer system consists of
transmit circuitry with a transmit coil and receive circuitry
with a receive coil. The LTC4126-ADJ resides on the re-
ceiver side, where an external parallel resonant LC tank
connected to the ACIN pin allows the part to receive power
wirelessly from an alternating magnetic field generated
by the transmit coil. The Rectification and Input Power
Control circuitry (Figure 1) rectifies the AC voltage at the
ACIN pin and regulates that rectified voltage at the VCC
pin to less than VCC(HIGH) (typically 5.5V).
Operation without Wireless Power
The LTC4126-ADJ can be alternately powered by connect-
ing a DC voltage source to the VCC pin directly instead of
receiving power wirelessly through the ACIN pin. Ground
the ACIN pin if a voltage supply is connected to VCC.
BATTERY CHARGER
The LTC4126-ADJ includes a full-featured constant-
current (CC)/constant-voltage (CV) linear battery charger
with automatic recharge, automatic termination by safety
timer,badbatterydetection,andout-of-temperature-range
charge pausing. Charge current is programmable from
1mA to 50mA via an external resistor at the PROG pin,
and the final charge voltage is 4.2V.
The value of the resistor at the PROG pin can be calculated
as such:
RPROG =
100•1.1V
ICHG
– 2.2kΩ
with ICHG being the desired battery charge current. The
minimum and maximum resistances allowed for RPROG
are 0Ω and 107kΩ, respectively. Examples of RPROG and
ICHG are listed in Table 1.
Table 1. ICHG vs RPROG
RPROG(kΩ)
ICHG(mA)
0
50
8.87
10
52.3
2
107
1
As soon as the voltage at the VCC pin rises 80mV (typi-
cal) above the BAT pin voltage, the charger attempts to
charge the battery and a new charge cycle is initiated. A
6-hour charge termination timer starts at the beginning of
this new charge cycle. When the VCC-to-BAT differential
voltage rises above 154mV (typical), the charger enters
constant-current (CC) mode and charges the battery at the
full programmed current. When the BAT pin approaches
the final charge voltage, the charger enters constant-
voltage (CV) mode and the charge current begins to drop.
The charge current continues to drop while the BAT pin
voltage is maintained at the proper charge voltage. This
state of CC/CV charging is indicated by a slow blinking
LED (typically 1.14Hz) at the CHRG pin.
After the 6-hour charge termination timer expires, charg-
ing stops completely. Once the charge cycle terminates,
the LED at the CHRG pin stops blinking and assumes a
pull-down state. To start a new charge cycle, remove the
power source at ACIN or VCC and reapply it.
Automatic Recharge
Aftercharginghasterminated,thechargerdrawsonly3.7µA
(typical) from the battery. If it remains in this state long
enough, the battery will eventually discharge. To ensure
that the battery is always topped off, a new charge cycle
automatically begins when the battery voltage falls below
VRECHRG (typically 97.5% of the charge voltage). In the
event that the battery voltage falls below VRECHRG while
the safety timer is still running, the timer will not reset.
This prevents the timer from restarting every time the bat-
tery voltage dips below VRECHRG during a charging cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com