Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4124
Description  Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 3Page - Analog Devices LTC4124 Datasheet HTML 4Page - Analog Devices LTC4124 Datasheet HTML 5Page - Analog Devices LTC4124 Datasheet HTML 6Page - Analog Devices LTC4124 Datasheet HTML 7Page - Analog Devices LTC4124 Datasheet HTML 8Page - Analog Devices LTC4124 Datasheet HTML 9Page - Analog Devices LTC4124 Datasheet HTML 10Page - Analog Devices LTC4124 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC4126-ADJ
7
Rev. 0
For more information www.analog.com
BAT Quiescent Current
(DC/DC Off) vs Temperature
DC/DC Output Transient Response
to Load Step
VCC = 0V
VBAT = 3.1V
VBAT = 3.8V
TEMPERATURE (°C)
–20
–5
10
25
40
55
70
85
3.0
3.5
4.0
4.5
5.0
5.5
6.0
4126-ADJ G19
COUT = 2.2µF
TIME (800µs/DIV)
–80
–60
–40
–20
0
20
40
–10
0
10
20
30
40
50
4126-ADJ G20
VOUT
LOAD CURRENT
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
PIN FUNCTIONS
NTC (Pin 1): Thermistor Input. Connect a thermistor from
NTC to GND, and a bias resistor from VCC to NTC. The volt-
age level on this pin determines if the battery temperature
is safe for charging. The charge current and charge timer
are suspended if the thermistor indicates a temperature
that is unsafe for charging. Once the temperature returns
to the safe region, charging resumes. Ground the NTC pin
if temperature qualified charging is not needed.
EN (Pin 2): Digital Logic Input Pin to Enable the DC/DC
Converter.Aminimumvoltageof1.1Venablestheregulator
providedthattheLTC4126-ADJisnotinbatterydisconnect
mode(seeBatteryDisconnect/ShipMode underOperation
section). A low voltage (0.4V max) disables the regulator
and allows the pushbutton to control it. If only pushbutton
control is desired, tie this pin to GND. Tie this pin to BAT
if the DC/DC needs to remain enabled all the time. Do not
leave this pin unconnected.
PBEN (Pin 3): Pushbutton Toggle Input Pin to enable/
disable the DC/DC converter. Enabling of the regulator can
only occur if the LTC4126-ADJ is not in battery disconnect
mode(seeBatteryDisconnect/ShipMode underOperation
section). A weak internal pull-up forces PBEN high when
not driven. A normally open pushbutton is connected
from PBEN to GND to force a low state on this pin when
the button is pushed. However, the pushbutton is ignored
if the EN input is high. If the pushbutton function is not
needed, leave this pin unconnected.
PROG (Pin 4): Charge Current Program Pin. A 1% resis-
tor, RPROG, connected from PROG to GND programs the
charge current as such:
RPROG =
100•1.1V
ICHG
– 2.2kΩ
with ICHG being the desired battery charge current. The
minimum and maximum resistances allowed for RPROG
are 0Ω and 107kΩ, respectively. Do not leave this pin
unconnected.
ACPR (Pin 5): Digital CMOS Logic Output Pin to indicate
if there is enough input power available to charge the bat-
tery. This pin goes high when the VCC-to-BAT differential
voltage rises above 80mV (typical) and goes low when the
differential voltage drops below 27mV (typical). The low
level of this pin is referenced to GND and the high level
is referenced to the OUT pin voltage. Consequently, this
indicator is not available if the DC/DC is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com