Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4124
Description  Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 7Page - Analog Devices LTC4124 Datasheet HTML 8Page - Analog Devices LTC4124 Datasheet HTML 9Page - Analog Devices LTC4124 Datasheet HTML 10Page - Analog Devices LTC4124 Datasheet HTML 11Page - Analog Devices LTC4124 Datasheet HTML 12Page - Analog Devices LTC4124 Datasheet HTML 13Page - Analog Devices LTC4124 Datasheet HTML 14Page - Analog Devices LTC4124 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC4126-ADJ
11
Rev. 0
For more information www.analog.com
OPERATION
Bad Battery Fault
If the battery fails to reach a voltage above VRECHRG by the
end of a full charge cycle of 6 hours, the battery is deemed
faulty and the LED at the CHRG pin indicates this bad
battery fault condition by blinking fast (typically 4.58Hz).
Differential Undervoltage Lockout (DUVLO)
A differential undervoltage lockout circuit monitors the
differential voltage between VCC and BAT and disables
the charger if the VCC voltage falls to within 27mV (typical
ΔVUVLO) of the BAT voltage. This condition is indicated by
a low on the ACPR pin. Charging does not resume until
this difference increases to 80mV at which time the ACPR
pin transitions back high. The DC/DC must be enabled for
proper ACPR indication.
Differential Undervoltage Current Limit (DUVCL)
The LTC4126-ADJ charger also includes differential
undervoltage current limiting (DUVCL) which gradually
reduces the charge current from the full programmed
current towards zero as the VCC-to-BAT differential volt-
age drops from approximately 154mV to 116mV. See the
curve in the Typical Performance Characteristics section.
When the charge current drops below 40% of the full
programmed value, the LED at the CHRG pin blinks fast
(typically4.58Hz)toindicatetheDUVCLfault.Inthereverse
direction, when the charge current rises above 60% of the
full programmed value, the LED at the CHRG pin resumes
slow blinking to indicate normal operation. Due to the
finite hysteresis of the DUVCL comparator, it is possible
under a very narrow region of coupling conditions for the
LTC4126-ADJ to alternate between slow blinking and fast
blinking. This behavior should be construed as operation
at near (but not 100%) full charge current.
TheDUVCLfeatureisparticularlyusefulinsituationswhere
the wireless power available is limited. Without DUVCL,
if the magnetic coupling between the receive coil and the
transmit coil is low, DUVLO could be tripped if the charger
tried to provide the full charge current. DUVLO forces the
chargecurrenttodroptozeroinstantly,allowingthesupply
voltage to rise above the DUVLO threshold and switch on
the charger again. In the absence of DUVCL, this oscilla-
tory behavior would result in intermittent charging. The
DUVCL circuitry prevents this undesirable behavior by
gradually increasing or decreasing the charge current as
input power becomes more or less available.
Temperature Qualified Charging
The LTC4126-ADJ monitors the battery temperature dur-
ing the charging cycle by using a negative temperature
coefficient (NTC) thermistor, placed close and thermally
coupled to the battery pack. If the battery temperature
moves outside a safe charging range, the IC suspends
charging and signals a fault condition via CHRG (blinks
fast at 4.58Hz) and the STAT pins until the temperature
returns to the safe charging range. The safe charging
range is determined by two comparators (Too Hot and Too
Cold) that monitor the voltage at the NTC pin as shown in
the Block Diagram. The rising threshold of the Too Cold
comparator is set to 76.5% of VCC (VCOLD) and the falling
threshold of the Too Hot comparator is set to 34.9% of
VCC (VHOT), each with a hysteresis of 1.5% of VCC around
the trip point to prevent oscillation. If the battery charger
pauses due to a temperature fault, the 6-hour termination
timer also pauses until the thermistor indicates a return
to a safe temperature. Grounding the NTC pin disables
all NTC functionality. Most Li-Ion battery manufacturers
recommend a temperature range of 0°C to 40°C as a safe
charging range.
Charge Status Indication via CHRG, ACPR, and
STAT pins
The status of the battery charger is indicated via the
open-drain CHRG pin as well as by the logic pins STAT1,
STAT2, and ACPR according to Table 2. Indication by the
logic pins is available only when the DC/DC is enabled.
Table 2. Charger Status Indication
CHRG
ACPR STAT1 STAT2 STATUS
Hi-Impedance
0
X
X
Not Charging, No Power,
STAT pins indicate Battery
Level (see Table 3)
Pulled LOW
1
0
0
Done Charging
Blink Slow (1.14Hz)
1
0
1
Charging
Blink Fast (4.58Hz)
1
1
0
Temperature Fault/Bad
Battery
Blink Fast (4.58Hz)
1
1
1
Differential Undervoltage
Current Limit (DUVCL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com