Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4124
Description  Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 8Page - Analog Devices LTC4124 Datasheet HTML 9Page - Analog Devices LTC4124 Datasheet HTML 10Page - Analog Devices LTC4124 Datasheet HTML 11Page - Analog Devices LTC4124 Datasheet HTML 12Page - Analog Devices LTC4124 Datasheet HTML 13Page - Analog Devices LTC4124 Datasheet HTML 14Page - Analog Devices LTC4124 Datasheet HTML 15Page - Analog Devices LTC4124 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC4126-ADJ
12
Rev. 0
For more information www.analog.com
OPERATION
Figure 2. DC/DC Converter Thevenin Equivalent Circuit
in Mode 2: 3-to-1 Step-Down
Figure 3. VOUT vs Battery Voltage at IOUT = 0
The open-drain CHRG pin has an internal 300µA (typical)
pull-down. An LED can be connected between this pin and
VCC to indicate the charging status and any fault condition
as indicated in the table above. The ACPR, STAT1, and
STAT2 pins are digital CMOS logic outputs that can be
interpreted by a microprocessor. The low level of these
three pins is referenced to GND and the high level is
referenced to the OUT pin voltage (typically 1.2V). Hence
the status indication via these three pins is only available
if the DC/DC converter is turned on via the EN pin or the
pushbutton. Status indication via the CHRG pin is always
available during charging.
DC/DC CONVERTER
To supply the system load from the battery to the OUT
pin, the LTC4126-ADJ contains a proprietary low-noise
multi-mode charge pump DC/DC converter which can be
switched on by applying a minimum voltage of 1.1V to the
EN pin or by pressing the pushbutton. The converter can
be active simultaneously with the charger. The switching
frequency of the charge pump is set to either 50kHz or
75kHzdependingonthemodeofoperation.Thisfrequency
ischosentokeepanyswitchingnoiseoutoftheaudioband.
Modes of Operation
The charge pump DC/DC converter has 3 modes of opera-
tion depending on the battery voltage. For VBAT > 3.6V, the
charge pump operates in 3:1 step-down mode (Mode 1)
and provides a regulated 1.2V output. In Mode 1, the
maximum output current that the DC/DC converter can
provide is limited by internal current limit circuitry to ap-
proximately 65mA.
DC/DC CONVERTER
ROL
IOUT
VOUT
4126-ADJ F02
+–
+
–
VBAT
3
HEARING
AID ASIC
BATTERY VOLTAGE (V)
1.4
1.2
0.8
0.4
1.0
0.6
0.2
0
3.0
3.9
4126-ADJ F03
3.3
4.2
3.6
MODE 3
MODE 2
MODE 1
This is referred to as Mode 2. The Thevenin equivalent
circuit of the converter in Mode 2 is shown in Figure 2,
where ROL is the effective open-loop output resistance of
the converter. ROL is typically 4.6Ω at room temperature
for VBAT = 3.5V and fSW = 50kHz. It varies with the battery
voltage, the switching frequency of the converter, and the
temperature of the die. Figure 2 can be used to determine
the output voltage (VOUT) for a specific load current (IOUT)
using the following equation:
VOUT =
VBAT
3
–IOUT •ROL
When the battery voltage falls below 3.3V, the charge
pump switches to 2:1 step-down mode (Mode 3) and
again provides a regulated 1.2V output. In Mode 3, the
maximum output current that the DC/DC converter can
provide decreases with battery voltage but does not fall
below approximately 35mA. See the curve in the Typical
Performance Characteristics. The variation of the output
voltage versus the battery voltage for the various modes
of operation is shown in Figure 3.
When the battery voltage is between 3.6V and 3.3V, the
charge pump still operates in 3:1 step-down mode, but it
can no longer maintain 1.2V regulation and provides one-
third of the battery voltage at its output (only at no load).
Handling Large Loads
WhileoperatinginMode1orMode2(3:1step-downmode),
if a large load at the output causes the output voltage to
drop below 1.1V, the converter automatically switches
over to Mode 3 (2:1 step-down mode) and attempts to
regulate the output at 1.2V. The converter stays in Mode 3
for 110ms (typical) and then returns to the previous mode.
If the large load condition persists and VOUT drops below
1.1V again, the converter switches back into Mode 3 for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com