Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4124
Description  Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 2Page - Analog Devices LTC4124 Datasheet HTML 3Page - Analog Devices LTC4124 Datasheet HTML 4Page - Analog Devices LTC4124 Datasheet HTML 5Page - Analog Devices LTC4124 Datasheet HTML 6Page - Analog Devices LTC4124 Datasheet HTML 7Page - Analog Devices LTC4124 Datasheet HTML 8Page - Analog Devices LTC4124 Datasheet HTML 9Page - Analog Devices LTC4124 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC4126-ADJ
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
DC/DC Efficiency vs Battery
Voltage
DC/DC Output Voltage vs
Temperature
DC/DC Output Voltage
vs Load Current
DC/DC Switching Frequency
vs Battery Voltage
Maximum DC/DC Output Current
vs Battery Voltage
DC/DC Switching Frequency in
3:1 Mode vs Temperature
DC/DC Effective Open-Loop Output
Resistance vs Temperature
DC/DC Switching Frequency in
2:1 Mode vs Temperature
BAT No-Load Quiescent Current
(DC/DC On) vs Battery Voltage
TA = 25°C, unless otherwise noted.
VBAT = 3.8V
3:1 MODE
2:1 MODE
IOUT (mA)
0
10
20
30
40
50
60
70
1.10
1.11
1.12
1.13
1.14
1.15
1.16
1.17
1.18
1.19
1.20
4126-ADJ G12
3:1 STEP–DOWN MODE
2:1 MODE
3
3.3
3.6
3.9
4.2
0
15
30
45
60
75
90
4126-ADJ G15
VBAT (V)
VOUT = 1.1V
TA = –20°C
TA = 25°C
TA = 85°C
VBAT (V)
3.0
3.2
3.4
3.6
3.8
4.0
4.2
30
35
40
45
50
55
60
65
70
75
80
4126-ADJ G13
VBAT = 3.5V
VBAT = 3.8V
TEMPERATURE (°C)
–20
–5
10
25
40
55
70
85
42
43
44
45
46
47
48
49
50
51
52
4126-ADJ G16
VBAT = 3.5V
TEMPERATURE (°C)
–20
–5
10
25
40
55
70
85
0
1
2
3
4
5
6
4126-ADJ G14
VBAT = 3.1V
TEMPERATURE (°C)
–20
–5
10
25
40
55
70
85
66
67
68
69
70
71
72
73
74
75
76
4126-ADJ G17
3:1 STEP-DOWN MODE
2:1 MODE
(REGULATED)
3:1 MODE
(OPEN
LOOP)
IOUT = 0
3
3.3
3.6
3.9
4.2
0
5
10
15
20
25
30
4126-ADJ G15
VBAT (V)
IOUT = 1mA
IOUT = 2mA
IOUT = 3mA
VBAT (V)
3
3.3
3.6
3.9
4.2
0
10
20
30
40
50
60
70
80
90
100
4126-ADJ G10
REGULATED 3:1 MODE
MODE
MODE
OPEN
LOOP
3:1
REG.
2:1
VBAT = 3.8V
ROUT = 1.2k
TEMPERATURE (°C)
–20
–5
10
25
40
55
70
85
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
4126-ADJ G11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com