Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4124
Description  Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 1 Page - Analog Devices

  LTC4124 Datasheet HTML 1Page - Analog Devices LTC4124 Datasheet HTML 2Page - Analog Devices LTC4124 Datasheet HTML 3Page - Analog Devices LTC4124 Datasheet HTML 4Page - Analog Devices LTC4124 Datasheet HTML 5Page - Analog Devices LTC4124 Datasheet HTML 6Page - Analog Devices LTC4124 Datasheet HTML 7Page - Analog Devices LTC4124 Datasheet HTML 8Page - Analog Devices LTC4124 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC4126-ADJ
1
Rev. 0
For more information www.analog.com
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Wireless Li-Ion Charger with
1.2V Step-Down DC/DC Converter
The LTC®4126-ADJ is a low-power wireless single-cell
Li-Ion battery charger with an integrated step-down DC/
DC regulator. The step-down regulator is a low-noise multi-
mode charge pump which is powered from the battery and
provides a regulated 1.2V at the output. The switching
frequency is set to either 50kHz or 75kHz depending on the
mode to keep any switching noise out of the audible range.
The constant-current constant-voltage Li-Ion battery
charger has automatic recharge, automatic termination
by safety timer, and battery temperature monitoring via
an NTC pin. Charge current is programmable from 1mA
to 50mA via an external resistor. Undervoltage protection
disconnects the battery from all loads when the battery
voltage is below 3.0V.
The small package and minimal external component count
make the LTC4126-ADJ and its variants suitable for hear-
ing aid applications and other low power portable devices.
See the chart below.
Top and Bottom View of the IC with
Complete Application Circuit
APPLICATIONS
n
Wireless Li-Ion Battery Charger Plus High
Efficiency Multi-Mode Charge Pump DC/DC
n
Programmable Charge Current from 1mA to 50mA
Via an External Resistor
n
Wideband Rx Frequency: DC to >10MHz
n
Integrated Rectifier with Overvoltage Limit
n
Charge Voltage: 4.2V
n
Low Battery Disconnect: 3.0V
n
NTC Pin for Temperature Qualified Charging
n
DC/DC Regulated Output: 1.2V
n
DC/DC Output Current: Up to 60mA
n
50kHz/75kHz Switching, No Audible Noise
n
Pushbutton and/or Digital on/off Control for DC/DC
n
Thermally Enhanced 12-Lead 2mm × 2mm LQFN
Package
n
Hearing Aids
n
Low Power Li-Ion Powered Devices
n
Wireless Headsets
n
IoT Wearables
All registered trademarks and trademarks are the property of their respective owners.
VIN
LTX
LRX
8µH
CRX
68nF
RPROG
12.4k
2.2µF
1.2V
TRANSMITTER
AIR GAP
ACIN
OUT
PROG
GND
Li-Ion
4.2V
4126-ADJ TA01
LTC4126-ADJ
BAT
NTC
CHRG
VCC
+–
+
ACPR
STAT2
DIGITAL I/O
STAT1
EN
ICHG = 7.5mA
TO BAT
Document Feedback
PARAMETER
LTC4126-ADJ
LTC4126-10
LTC4126
Charge Current
Programmable
10mA
7.5mA
Charge Timer
6 Hours
3 Hours
6 Hours
Charge Voltage
4.2V
4.1V/4.2V
4.2V/4.35V
EN Pin Polarity
Active High
Active Low
Active High
EN Pin Pull-Up
N/A
1MΩ
N/A
NTC Upper Threshold 76.5% of VCC
62% of VCC
76.5% of VCC
VLOBAT3
3.2V
3.5V
3.2V
DC/DC
Mode 3
Threshold
1.1V
1.05V
1.1V
Timing
110ms
1.7s
110ms


Similar Part No. - LTC4124

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4124 AD-LTC4124 Datasheet
1Mb / 30P
100mA Wireless Li-Ion Charger with Low Battery Disconnect
LTC4124EV#TRMPBF AD-LTC4124EV#TRMPBF Datasheet
1Mb / 30P
100mA Wireless Li-Ion Charger with Low Battery Disconnect
LTC4124EV#TRPBF AD-LTC4124EV#TRPBF Datasheet
1Mb / 30P
100mA Wireless Li-Ion Charger with Low Battery Disconnect
More results

Similar Description - LTC4124

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3455 LINER-LTC3455 Datasheet
516Kb / 24P
Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
Step-down DC/DC converter
logo
Linear Technology
LTC3455 LINER-LTC3455_15 Datasheet
343Kb / 28P
Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
LTC3455-1 LINER-LTC3455-1_15 Datasheet
343Kb / 28P
Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
Step-Down DC-DC Converter With
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
Step-Down DC-DC Converter
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
Channels DC/DC PMU with Li-ion Battery Charger
logo
Analog Devices
LTC4126 AD-LTC4126 Datasheet
2Mb / 24P
7.5mA Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
02/20-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com