Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4124
Description  Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 4Page - Analog Devices LTC4124 Datasheet HTML 5Page - Analog Devices LTC4124 Datasheet HTML 6Page - Analog Devices LTC4124 Datasheet HTML 7Page - Analog Devices LTC4124 Datasheet HTML 8Page - Analog Devices LTC4124 Datasheet HTML 9Page - Analog Devices LTC4124 Datasheet HTML 10Page - Analog Devices LTC4124 Datasheet HTML 11Page - Analog Devices LTC4124 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC4126-ADJ
8
Rev. 0
For more information www.analog.com
CHRG (Pin 6): Open-Drain Charge Status Output Pin. This
pin can be pulled up through a resistor and/or an LED to
indicate the status of the battery charger. This pin has
four possible states: slow blink to indicate charging, fast
blink to indicate a fault, pulled down to indicate charging
done, and high impedance to indicate no input power. To
conserve power, the pull-down current is limited to 300µA.
ACIN (Pin 7): AC Input Voltage Pin. Connect the external
LC tank, which includes the receive coil, to this pin. Con-
nect this pin to GND when not used.
BAT (Pin 8): Battery Connection Pin. Connect a single-cell
Li-Ion battery to this pin. Whenever enough input power
(AC or DC) is available, the battery will be charged via this
pin. Additionally, the DC/DC Converter is powered from
the battery via this pin. To minimize the effect of switching
noise from the DC/DC converter on charger performance,
this pin should be decoupled with a 1µF capacitor to GND
if the DC/DC converter is enabled while charging.
STAT2 (Pin 9), STAT1 (Pin 10): Digital CMOS Logic Status
Output Pins. The low level of these pins is referenced to
GNDandthehighlevelisreferencedtoVOUT.Consequently,
PIN FUNCTIONS
these indicators are not available if the DC/DC is disabled.
These two pins together with ACPR indicate the various
charging states and fault conditions. However, when no
inputpowerisavailableandtheDC/DCconverterisenabled,
these pins instead indicate the voltage level of the battery.
VCC (Pin 11): DC Input Voltage Pin. An internal diode is
connected from the ACIN pin (anode) to this pin (cathode).
When an AC voltage is present at the ACIN pin, the voltage
on this pin is the rectified AC voltage. When the ACIN pin
is not used (or shorted to GND), connect this pin to a DC
voltage source to provide power to the LTC4126-ADJ and
charge the battery.
OUT (Pin 12): DC/DC Converter Output Pin. This pin pro-
vides 1.2V to power hearing aid ASICs. A low ESR ceramic
capacitor of at least 2.2μF should be placed close to this
pin to stabilize the converter.
GND (Exposed Pad Pin 13): Ground Pin. The exposed pad
on the backside of the package must be soldered to the
PCB ground for a low-resistance electrical connection as
well as for optimum thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com