Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4124
Description  Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 12Page - Analog Devices LTC4124 Datasheet HTML 13Page - Analog Devices LTC4124 Datasheet HTML 14Page - Analog Devices LTC4124 Datasheet HTML 15Page - Analog Devices LTC4124 Datasheet HTML 16Page - Analog Devices LTC4124 Datasheet HTML 17Page - Analog Devices LTC4124 Datasheet HTML 18Page - Analog Devices LTC4124 Datasheet HTML 19Page - Analog Devices LTC4124 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC4126-ADJ
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Note that since fDRIVE can be easily adjusted, it is best
practicetochoosefRX-TANKusingtheminimumcomponent
count (i.e. CRX) and then adjust fDRIVE to match.
The amount of AC current in the transmit coil can be
increased by increasing the supply voltage (VIN). Since
the amount of power transmitted is proportional to the AC
current in the transmit coil, VIN can be varied to adjust the
power delivery to the receive coil.
The overall power transfer efficiency is also dependent
on the quality factor (Q) of the components used in the
transmitter and receiver circuitry. Select components with
low resistance for transmit/receive coils and capacitors.
CHOOSING TRANSMIT POWER LEVEL
As discussed in the previous section, the supply voltage
(VIN)canbeusedtoadjustthetransmitpowerofthetrans-
mitter shown in Figure 7. Transmit power should be set as
low as possible to receive the desired output power under
worst-case coupling conditions (e.g. maximum transmit
distance with the worst-case misalignment). Although the
LTC4126-ADJ is able to shunt excess received power to
maintain the VCC voltage in the desired range, it has the
adverse effect of raising the die temperature and possibly
the battery temperature, and if the battery temperature
exceeds the Too Hot temperature threshold set by the
thermistor, the charger pauses charging the battery.
Using the rated current of the transmit inductor to set an
upper limit, transmit power should be adjusted downward
until charge current is negatively impacted under worst-
case coupling conditions. Once the transmit power level
is determined, the transmit and receive coils should be
arranged under best-case coupling conditions with a
fully-charged battery or a battery simulator to make sure
that the shunting of excess power does not raise the die
temperature too much.
Inadditiontotemperature,anotherparameterthatneedsto
be checked is the maximum negative voltage on the ACIN
pin. Following the procedure above, when evaluating the
rise in temperature of the LTC4126-ADJ under the best-
case coupling conditions, ensure that VCC – VACIN does
not exceed 16V. Figure 11 shows a typical waveform on
ACIN showing VCC – VACIN < 16V.
Figure 8. Current Through Transmit Coil
Figure 9. Voltage on the Drain and Gate of NMOS
M1 when fTX_TANK = fDRIVE
Figure 10. Voltage on the Drain and Gate of NMOS
M1 when fTX_TANK = 1.29 • fDRIVE
2µs/DIV
0A
4126-ADJ F08
500mA/DIV
2µs/DIV
0V
0V
GATE
VOLTAGE
2V/DIV
4126-ADJ F09
DRAIN
VOLTAGE
5V/DIV
2µs/DIV
0V
DRAIN
VOLTAGE
5V/DIV
GATE
VOLTAGE
2V/DIV
0V
4126-ADJ F10
The LC tank at the receiver, LRX and CRX, is tuned to the
same frequency as the driving frequency of the transmit
LC tank:
fRX-TANK = fDRIVE
where fRX-TANK is given by,
fRX−TANK =
1
2 •
π LRX •CRX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com