Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM2 Datasheet(PDF) 163 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 163 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 159Page - ATMEL Corporation AT90PWM2 Datasheet HTML 160Page - ATMEL Corporation AT90PWM2 Datasheet HTML 161Page - ATMEL Corporation AT90PWM2 Datasheet HTML 162Page - ATMEL Corporation AT90PWM2 Datasheet HTML 163Page - ATMEL Corporation AT90PWM2 Datasheet HTML 164Page - ATMEL Corporation AT90PWM2 Datasheet HTML 165Page - ATMEL Corporation AT90PWM2 Datasheet HTML 166Page - ATMEL Corporation AT90PWM2 Datasheet HTML 167Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 365 page
background image
163
AT90PWM2/3
4317A-3–AVR–02/05
PSC2 Outputs
Output Matrix
PSC2 has an output matrix which allow in 4 ramp mode to program a value of
PSCOUT20 and PSCOUT21 binary value for each ramp.
PSCOUT2m takes the value given in Table 59. during all corresponding ramp. Thanks
to the Output Matrix it is possible to generate all kind of PSCOUT20/PSCOUT21
combination.
When Output Matrix is used, the PSC n Output Polarity POPn has no action on the
outputs.
PSCOUT22 & PSCOUT23
Selectors
PSC 2 has two supplementary outputs PSCOUT22 and PSCOUT23.
According to POS22 and POS23 bits in PSOC2 register, PSCOUT22 and PSCOUT23
duplicate PSCOUT20 and PSCOU21.
If POS22 bit in PSOC2 register is clear, PSCOUT22 duplicates PSCOUT20.
If POS22 bit in PSOC2 register is set, PSCOUT22 duplicates PSCOUT21.
If POS23 bit in PSOC2 register is clear, PSCOUT23 duplicates PSCOUT21.
If POS23 bit in PSOC2 register is set, PSCOUT23 duplicates PSCOUT20.
Figure 91. PSCOUT22 and PSCOUT23 Outptuts
PSC Synchronization
2 or 3 PSC can be synchronized together. In this case, two waveform alignments are
possible:
•
The waveforms are center aligned in the Center Aligned mode if master and slaves
are all with the same PSC period (which is the natural use).
•
The waveforms are edge aligned in the 1, 2 or 4 ramp mode
Table 59. Output Matrix versus ramp number
Ramp 0Ramp 1Ramp 2Ramp 3
PSCOUT20
POMV2A0
POMV2A1
POMV2A2
POMV2A3
PSCOUT21
POMV2B0
POMV2B1
POMV2B2
POMV2B3
PSCOUT20
PSCOUT21
Waveform
Generator A
Waveform
Generator B
PSCOUT22
PSCOUT23
POS22
POS23
0
1
1
0
Output
Matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com