Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM2 Datasheet(PDF) 187 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 187 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 183Page - ATMEL Corporation AT90PWM2 Datasheet HTML 184Page - ATMEL Corporation AT90PWM2 Datasheet HTML 185Page - ATMEL Corporation AT90PWM2 Datasheet HTML 186Page - ATMEL Corporation AT90PWM2 Datasheet HTML 187Page - ATMEL Corporation AT90PWM2 Datasheet HTML 188Page - ATMEL Corporation AT90PWM2 Datasheet HTML 189Page - ATMEL Corporation AT90PWM2 Datasheet HTML 190Page - ATMEL Corporation AT90PWM2 Datasheet HTML 191Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 365 page
background image
187
AT90PWM2/3
4317B–AVR–02/05
SS Pin Functionality
Slave Mode
When the SPI is configured as a Slave, the Slave Select (SS) pin is always input. When
SS is held low, the SPI is activated, and MISO becomes an output if configured so by
the user. All other pins are inputs. When SS is driven high, all pins are inputs, and the
SPI is passive, which means that it will not receive incoming data. Note that the SPI
logic will be reset once the SS pin is driven high.
The SS pin is useful for packet/byte synchronization to keep the slave bit counter syn-
chronous with the master clock generator. When the SS pin is driven high, the SPI slave
will immediately reset the send and receive logic, and drop any partially received data in
the Shift Register.
Master Mode
When the SPI is configured as a Master (MSTR in SPCR is set), the user can determine
the direction of the SS pin.
If SS is configured as an output, the pin is a general output pin which does not affect the
SPI system. Typically, the pin will be driving the SS pin of the SPI Slave.
If SS is configured as an input, it must be held high to ensure Master SPI operation. If
the SS pin is driven low by peripheral circuitry when the SPI is configured as a Master
with the SS pin defined as an input, the SPI system interprets this as another master
selecting the SPI as a slave and starting to send data to it. To avoid bus contention, the
SPI system takes the following actions:
1.
The MSTR bit in SPCR is cleared and the SPI system becomes a Slave. As a
result of the SPI becoming a Slave, the MOSI and SCK pins become inputs.
2.
The SPIF flag in SPSR is set, and if the SPI interrupt is enabled, and the I-bit in
SREG is set, the interrupt routine will be executed.
Thus, when interrupt-driven SPI transmission is used in Master mode, and there exists a
possibility that SS is driven low, the interrupt should always check that the MSTR bit is
still set. If the MSTR bit has been cleared by a slave select, it must be set by the user to
re-enable SPI Master mode.
MCU Control Register –
MCUCR
• Bit 7– SPIPS: SPI Pin Redirection
Thanks to SPIPS (SPI Pin Select) in MCUCR Sfr, SPI pins can be redirected.
On 32 pins packages, SPIPS has the following action:
–
When the SPIPS bit is written to zero, the SPI signals are directed on pins
MISO,MOSI, SCK and SS.
–
When the SPIPS bit is written to one,the SPI signals are directed on
alternate SPI pins, MISO_A, MOSI_A, SCK_A and SS_A.
On 24 pins package, SPIPS has the following action:
–
When the SPIPS bit is written to zero, the SPI signals are directed on
alternate SPI pins, MISO_A, MOSI_A, SCK_A and SS_A.
–
When the SPIPS bit is written to one,the SPI signals are directed on pins
MISO,MOSI, SCK and SS.
Note that programming port are always located on alternate SPI port.
Bit
76543
210
SPIPS
–
–
PUD
–
–
IVSEL
IVCE
MCUCR
Read/Write
R/W
R
R
R/W
R
R
R/W
R/W
Initial Value
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com