Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM2 Datasheet(PDF) 316 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 316 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 312Page - ATMEL Corporation AT90PWM2 Datasheet HTML 313Page - ATMEL Corporation AT90PWM2 Datasheet HTML 314Page - ATMEL Corporation AT90PWM2 Datasheet HTML 315Page - ATMEL Corporation AT90PWM2 Datasheet HTML 316Page - ATMEL Corporation AT90PWM2 Datasheet HTML 317Page - ATMEL Corporation AT90PWM2 Datasheet HTML 318Page - ATMEL Corporation AT90PWM2 Datasheet HTML 319Page - ATMEL Corporation AT90PWM2 Datasheet HTML 320Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 365 page
background image
316
AT90PWM2/3
4317B–AVR–02/05
Table 136. ADC Characteristics - TA = -45
°C to +105°C, VCC = 2.7V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min
(1)
Typ
(1)
Max
(1)
Units
Resolution
Single Ended Conversion
10
Bits
Differential Conversion
Gain = 1x or 20x
8Bits
Differential Conversion
Gain = 200x
7Bits
Absolute accuracy
Single Ended Conversion
V
REF = 4V
ADC clock = 200 kHz
1TBD
LSB
Single Ended Conversion
V
REF = 4V
ADC clock = 2 MHz
TBD
TBD
LSB
Integral Non-linearity
VREF = 4V
0.5
LSB
Differential Non-linearity
VREF = 4V
0.5
LSB
Zero Error (Offset)
VREF = 4V
1
LSB
Conversion Time
Single Conversion
8260
µs
Clock Frequency
50
2000
kHz
AVCC
Analog Supply Voltage
V
CC - 0.3
(2)
V
CC + 0.3
(3)
V
VREF
Reference Voltage
Single Ended Conversion
2.0
AVCC
V
Differential Conversion
2.0
AVCC - 0.2
V
VIN
Input voltage
Single ended channels
GND
VREF
Differential channels
TBD
TBD
Input bandwidth
Single ended channels
TBD
kHz
Differential channels
TBD
kHz
V
INT
Internal Voltage Reference
2.4
2.56
2.8
V
RREF
Reference Input Resistance
TBD
TBD
TBD
k
Ω
RAIN
Analog Input Resistance
TBD
M
Ω
I
HSM
Increased current
consumption i
TBD
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com