Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 47 Page - Analog Devices

Part # LTC4449
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 47 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 40Page - Analog Devices LTC4449 Datasheet HTML 41Page - Analog Devices LTC4449 Datasheet HTML 42Page - Analog Devices LTC4449 Datasheet HTML 43Page - Analog Devices LTC4449 Datasheet HTML 44Page - Analog Devices LTC4449 Datasheet HTML 45Page - Analog Devices LTC4449 Datasheet HTML 46Page - Analog Devices LTC4449 Datasheet HTML 47Page - Analog Devices LTC4449 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
LXE48 LQFP 0416 REV D
0° – 7°
11° – 13°
0.45 – 0.75
1.00 REF
11° – 13°
1
48
1.60
MAX
1.35 – 1.45
0.05 – 0.15
0.09 – 0.20 0.50
BSC
0.17 – 0.27
GAUGE PLANE
0.25
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DIMENSIONS OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.25mm (10 MILS) BETWEEN THE LEADS AND ON ANY
SIDE OF EXPOSED PAD, MAX 0.50mm (20 MILS) AT CORNER OF EXPOSED
PAD, IF PRESENT
3. PIN-1 INDENTIFIER IS A MOLDED INDENTATION, 0.50mm DIAMETER
4. DRAWING IS NOT TO SCALE
R0.08 – 0.20
7.15 – 7.25
5.50 REF
1
36
25
12
5.50 REF
7.15 – 7.25
48
13
24
37
C0.30
PACKAGE OUTLINE
RECOMMENDED SOLDER PAD LAYOUT
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
BOTTOM OF PACKAGE—EXPOSED PAD (SHADED AREA)
SIDE VIEW
SECTION A – A
0.50 BSC
0.20 – 0.30
1.30 MIN
9.00 BSC
A
A
7.00 BSC
1
12
7.00 BSC
3.60 ±0.10
3.60 ±0.10
9.00 BSC
48
37
13
24
37
13
24
36
36
25
25
SEE NOTE: 3
C0.30 – 0.50
3.60 ±0.05
3.60 ±0.05
C0.30
LXE Package
48-Lead Plastic Exposed Pad LQFP (7mm
× 7mm)
(Reference LTC DWG #05-08-1832 Rev D)
12
TRAY PIN 1
BEVEL
PACKAGE IN TRAY LOADING ORIENTATION
COMPONENT
PIN “A1”
LTC7872
47
Rev. 0
For more information www.analog.com
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
PACKAGE DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com