Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4449
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 5 Page - Analog Devices

  LTC4449 Datasheet HTML 1Page - Analog Devices LTC4449 Datasheet HTML 2Page - Analog Devices LTC4449 Datasheet HTML 3Page - Analog Devices LTC4449 Datasheet HTML 4Page - Analog Devices LTC4449 Datasheet HTML 5Page - Analog Devices LTC4449 Datasheet HTML 6Page - Analog Devices LTC4449 Datasheet HTML 7Page - Analog Devices LTC4449 Datasheet HTML 8Page - Analog Devices LTC4449 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
LTC7872
5
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VHIGH = 48V, VRUN = 5V unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current Sense Pin Voltage
(VSNSD+ – VSNS–) to IMON Gain
VILIM = 0V, 1/4 VV5
VILIM = Float, 3/4 VV5, VV5
40
20
V/V
V/V
Total DC Sense Signal Gain
DCR Configuration
5
V/V
Total DC Sense Signal Gain
RSENSE Configuration
4
V/V
VSENSE(MAX)
(DCR
Configuration)
Maximum Current Sense Threshold
(Buck and Boost Mode)
VILIM = 0V
VILIM = 1/4 VV5
VILIM = Float
VILIM = 3/4 VV5
VILIM = VV5
l
l
l
l
l
6.5
17.0
27.0
36.0
44.0
10.0
20.0
30.0
40.0
50.0
13.5
23.0
33.0
44.0
56.0
mV
mV
mV
mV
mV
VSENSE(MAX)
(RSENSE
Configuration)
Maximum Current Sense Threshold
(Buck and Boost Mode)
VILIM = 0V
VILIM = 1/4 VV5
VILIM = Float
VILIM = 3/4 VV5
VILIM = VV5
l
l
l
l
l
8.1
21.2
33.7
45.0
55.0
12.5
25.0
37.5
50.0
62.5
16.9
28.8
41.3
55.0
70.0
mV
mV
mV
mV
mV
VOCFT
Overcurrent Fault Threshold,
VSNSD+ – VSNS–
VILIM = 0V
VILIM = 1/4 VV5
VILIM = Float
VILIM = 3/4 VV5
VILIM = VV5
l
l
l
l
l
31.0
43.0
54.0
65.0
76.0
37.5
50.0
62.5
75.0
87.5
44.0
57.0
71.0
85.0
99.0
mV
mV
mV
mV
mV
VNOCFT
Negative Overcurrent Fault Threshold,
VSNSD+ – VSNS–
VILIM = 0V
VILIM = 1/4 VV5
VILIM = Float
VILIM = 3/4 VV5
VILIM = VV5
l
l
l
l
l
–45.0
–58.0
–72.0
–86.0
–100.0
–37.5
–50.0
–62.5
–75.0
–87.5
–30.0
–42.0
–53.0
–64.0
–75.0
mV
mV
mV
mV
mV
Overcurrent Fault Threshold
Hysteresis, |VSNSD+ – VSNS–|
VILIM = 0V
VILIM = 1/4 VV5, Float, 3/4 VV5, VV5
25
31
mV
mV
DRVCC and V5 Linear Regulators
VDRVCC
DRVCC Regulation Voltage
12V < VEXTVCC < 60V, VDRVSET = VV5
12V < VEXTVCC < 60V, VDRVSET = Float
12V < VEXTVCC < 60V, VDRVSET = 0V
9.5
7.6
4.8
10
8
5
10.5
8.4
5.2
V
V
V
DRVCC Load Regulation
IDRVCC = 0mA to 100mA, VEXTVCC = 14V
1.6
3.0
%
EXTVCC Switchover Voltage
EXTVCC Ramping Positive, VDRVSET = VV5
EXTVCC Ramping Positive, VDRVSET = Float
EXTVCC Ramping Positive, VDRVSET = 0V
10.7
8.5
6.9
V
V
V
EXTVCC Hysteresis
12
%
V5
V5 Regulation Voltage
6V < VDRVCC < 10V
4.8
5.0
5.2
V
V5 Load Regulation
IV5 = 0mA to 20mA
0.5
1
%
Current DACs (IDAC)
VHIGH/VLOW IDAC Accuracy
MFR_IDAC_VLOW/HIGH = 0x40 or 0x7F
–1
1
%
VHIGH/VLOW IDAC Program Range
–64
63
µA
SETCUR IDAC Program Range
0
31
µA
LSB
VHIGH/VLOW IDAC LSB
SETCUR IDAC LSB
1
1
µA
µA
Oscillator and Phase-Locked Loop
IFREQ
FREQ Pin Output Current
l
19
20
21
µA
Nominal Frequency
VSYNC = 0V, RFREQ = 51.1k
230
250
270
kHz
fLOW
Low Fixed Frequency
VSYNC = 0V, RFREQ = 27.4k
55
70
85
kHz
fHIGH
High Fixed Frequency
VSYNC = 0V, RFREQ = 105k
640
710
780
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com