Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4449
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 6Page - Analog Devices LTC4449 Datasheet HTML 7Page - Analog Devices LTC4449 Datasheet HTML 8Page - Analog Devices LTC4449 Datasheet HTML 9Page - Analog Devices LTC4449 Datasheet HTML 10Page - Analog Devices LTC4449 Datasheet HTML 11Page - Analog Devices LTC4449 Datasheet HTML 12Page - Analog Devices LTC4449 Datasheet HTML 13Page - Analog Devices LTC4449 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
LTC7872
10
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
SS (Pin 1): Soft-Start Input. The voltage ramp rate at this
pin sets the voltage ramp rate of the regulated voltage. A
capacitor to ground accomplishes soft-start. This pin has
a 1µA pull-up current.
VFBLOW (Pin 2): VLOW Voltage Sensing Error Amplifier
Inverting Input.
ITHHIGH/ITHLOW (Pins 5 and 3): Current Control Threshold
and Error Amplifier Compensation Point. The current com-
parator’s threshold varies with the ITH control voltage.
SGND (Pins 4, 33, Exposed Pad): Ground. Must be
soldered to PCB ground for rated thermal performance.
Connect this pin closely to negative terminal of VHIGH,
DRVCC, V5 bypass capacitors. All small signal components
and compensation components should connect here.
VFBHIGH (Pin 6): VHIGH Voltage Sensing Error Amplifier
Noninverting Input.
V5 (Pin 7): Internal 5V Regulator Output. The control
circuits are powered from this voltage. Bypass this pin
to SGND with a minimum of 4.7µF low ESR tantalum or
ceramic capacitor.
IMON (Pin 8): Current Monitor Pin. The voltage on this pin
is directly proportional to the average inductor currents
of all 4 channels. 1.25V on this pin indicates zero average
inductor current per phase.
SETCUR (Pin 9): This pin sets the maximum average
inductor current in buck or boost mode. This pin sources
16μA current and it is programmable by the SPI interface.
OVHIGH (Pin 10): VHIGH Overvoltage Threshold Set Pin. A
resistor divider from VHIGH is needed to set this thresh-
old. When the voltage on this pin rises past the 1.2V trip
point, a 5μA current is sourced out of the pin to provide
externally adjustable hysteresis.
UVHIGH (Pin 11): VHIGH Undervoltage Threshold Set Pin.
A resistor divider from VHIGH is needed to set this thresh-
old. When the voltage on this pin falls below the 1.2V
trip point, a 5μA current is sunk in to the pin to provide
externally adjustable hysteresis.
OVLOW (Pin 12): VLOW Overvoltage Threshold Set Pin. A
resistor divider from VLOW is needed to set this thresh-
old. When the voltage on this pin rises past the 1.2V trip
point, a 5μA current is sourced out of the pin to provide
externally adjustable hysteresis.
SNSA1+/SNSA2+/SNSA3+/SNSA4+ (Pins 13, 18, 43, 48):
AC Positive Current Sense Comparator Inputs. These
inputs amplify the AC portion of the current signal to the
IC’s current comparator.
SNS1–/SNS2–/SNS3–/SNS4– (Pins 14, 17, 44, 47):
Negative Current Sense Comparator Inputs. The nega-
tive input of the current comparator is normally connected
to the VLOW.
SNSD1+/SNSD2+/SNSD3+/SNSD4+ (Pins 15, 16, 45,
46): DC Positive Current Sense Comparator Inputs. These
inputs amplify the DC portion of the current signal to the
IC’s current comparators and current sense amplifiers.
RUN (Pin 19): Enable Control Input. A voltage above
1.22V turns on the IC. There is a 2µA pull-up current on
this pin. Once the RUN pin rises above the 1.22V thresh-
old, the pull-up current increases to 6µA.
PWMEN (Pin 20): Enable Pin for External Gate Drivers.
Open drain logic that is pulled to ground when the
LTC7872 shut downs the external gate drivers. When this
pin is low, all the PWM pin outputs are high impedance.
PWM1, PWM2, PWM3, PWM4 (Pins 21, 23, 24, 26):
(Top) Gate Signal Output. This signal goes to the PWM
or top gate input of the external gate driver or integrated
driver MOSFET. This is a three-state compatible output.
PGOOD (Pin 22): Power Good Indictor Output for the
Regulated VHIGH/VLOW. Open drain logic out that is pulled
to ground when the regulated VHIGH/VLOW exceeds ±10%
regulation window, after the internal 40µS power bad
mask timer expires.
FAULT (Pin 25): Fault Indicator Output. Open-drain output
that pulls to ground during a fault condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com