Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 25 Page - Analog Devices

Part # LTC4449
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 21Page - Analog Devices LTC4449 Datasheet HTML 22Page - Analog Devices LTC4449 Datasheet HTML 23Page - Analog Devices LTC4449 Datasheet HTML 24Page - Analog Devices LTC4449 Datasheet HTML 25Page - Analog Devices LTC4449 Datasheet HTML 26Page - Analog Devices LTC4449 Datasheet HTML 27Page - Analog Devices LTC4449 Datasheet HTML 28Page - Analog Devices LTC4449 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
LTC7872
25
Rev. 0
For more information www.analog.com
significantly different from that of an ideal capacitor and
therefore requires accurate modeling or bench evalua-
tion during design. Manufacturers such as Nichicon,
Nippon Chemi-Con and Sanyo should be considered for
high performance through-hole capacitors. The OS-CON
semiconductor dielectric capacitors available from Sanyo
and the Panasonic SP surface mount types have a good
(ESR)(size) product.
Once the ESR requirement for COUT has been met, the
RMS current rating generally far exceeds the IRIPPLE(P–P)
requirement. Ceramic capacitors from AVX, Taiyo
Yuden, Murata and TDK offer high capacitance value
and very low ESR, especially applicable for low output
voltage applications.
In surface mount applications, multiple capacitors may
have to be paralleled to meet the ESR or RMS current
handling requirements of the application. Aluminum elec-
trolytic and dry tantalum capacitors are both available in
surface mount configurations. New special polymer sur-
face mount capacitors offer very low ESR also but have
much lower capacitive density per unit volume. In the
case of tantalum, it is critical that the capacitors are surge
tested for use in switching power supplies. Several excel-
lent choices are the AVX TPS, AVX TPSV, the KEMET T510
series of surface mount tantalums or the Panasonic SP
series of surface mount special polymer capacitors avail-
able in case heights ranging from 2mm to 4mm. Other
capacitor types include Sanyo POSCAP, Sanyo OS-CON,
Nichicon PL series and Sprague 595D series. Consult the
manufacturers for other specific recommendations.
CHIGH Capacitor Selection for Boost Operation
Contributions of ESR (equivalent series resistance), ESL
(equivalent series inductance) and the bulk capacitance
must be considered when choosing the correct combina-
tion of output capacitors for a boost converter application.
The choice of component(s) begins with the maximum
acceptable ripple voltage (expressed as a percentage of
the output voltage), and how this ripple should be divided
between the ESR step and the charging/discharging ∆V.
For the purpose of simplicity we will choose 2% for the
maximum output ripple, to be divided equally between the
ESR step and the charging/discharging ∆V. This percentage
in radiating sound! A load that draws varying current at an
audible rate may cause an attendant varying input voltage
on a ceramic capacitor, resulting in an audible signal. A
secondary issue relates to the energy flowing back into
a ceramic capacitor whose capacitance value is being
reduced by the increasing charge. The voltage can increase
at a considerably higher rate than the constant current
being supplied because the capacitance value is decreasing
as the voltage is increasing! Nevertheless, ceramic capaci-
tors, when properly selected and used, can provide the
lowest overall loss due to their extremely low ESR.
A small (0.1μF to 1μF) capacitor, CIN, placed close to
the LTC7872 between the VIN pin and ground, bypasses
switching noise to ground. A 2.2Ω to 10Ω resistor, placed
between CIN and VHIGH pins decouples the VHIGH pin from
switching noise.
The selection of COUT at VOUT is driven by the required
effective series resistance (ESR). Typically once the ESR
requirement is satisfied the capacitance is adequate for
filtering. The steady-state output ripple (∆VOUT) is deter-
mined by:
ΔVOUT ≈ ΔIRIPPLE ESR +
1
8fCOUT
⎛
⎝⎜
⎞
⎠⎟
where f = operating frequency, COUT = output capacitance
and ∆IRIPPLE = ripple current in the inductor. The output
ripple is highest at maximum input voltage since ∆IRIPPLE
increases with input voltage (VHIGH). The output ripple will
be less than 50mV at maximum VIN with ∆IRIPPLE = 0.4
IOUT(MAX) assuming:
COUT required ESR < N • RSENSE
and
COUT >
1
8f
( ) RSENSE
(
)
The emergence of very low ESR capacitors in small,
surface mount packages makes very small physical
implementations possible. The ability to externally com-
pensate the switching regulator loop using the ITH pin
allows a much wider selection of output capacitor types.
The impedance characteristic of each capacitor type is
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com