Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC4449
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 14Page - Analog Devices LTC4449 Datasheet HTML 15Page - Analog Devices LTC4449 Datasheet HTML 16Page - Analog Devices LTC4449 Datasheet HTML 17Page - Analog Devices LTC4449 Datasheet HTML 18Page - Analog Devices LTC4449 Datasheet HTML 19Page - Analog Devices LTC4449 Datasheet HTML 20Page - Analog Devices LTC4449 Datasheet HTML 21Page - Analog Devices LTC4449 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
LTC7872
18
Rev. 0
For more information www.analog.com
At very light loads, the current comparator, ICMP, may
remain tripped for several cycles and force the external top
MOSFET to stay off for the same number of cycles (i.e.,
skipping-pulses). The inductor current is not allowed to
reverse (discontinuous operation). This mode, like forced
continuous operation, exhibits low output ripple as well
as low audio noise and reduced RF interference. It pro-
vides higher low current efficiency than forced continuous
mode, but not nearly as high as Burst Mode operation.
Boost Mode Light Load Current Operation (DCM/CCM)
In boost mode, the LTC7872 can be enabled to enter
constant-frequency discontinuous conduction mode or
forced continuous conduction mode. To select forced con-
tinuous operation, tie the MODE pin to SGND. To select
discontinuous conduction mode of operation, tie the
MODE pin to V5 or float it. In forced continuous operation,
the inductor current is allowed to reverse at light loads
or under large transient conditions. The inductor current
valley is determined by the voltage on the ITHHIGH pin,
just as in normal operation. In this mode, the efficiency
at light loads is lower. However, continuous mode has the
advantage of lower output ripple.
When the MODE pin is connected to V5 or floated, the
LTC7872 operates in discontinuous conduction mode at
light loads. At very light loads, the current comparator,
ICMP, may remain tripped for several cycles and force
the external top MOSFET to stay off for the same number
of cycles (i.e., skipping-pulses). The inductor current is
not allowed to reverse (discontinuous operation). This
mode, like forced continuous operation, exhibits low
output ripple as well as low audio noise and reduced RF
interference. It provides higher low current efficiency than
forced continuous mode.
The LTC7872 operation mode is summarized in Table 3.
Table 3. Operation Mode
MODE Pin
Buck Operation Mode
Boost Operation Mode
0V
CCM
CCM
Float
Burst Mode Operation
DCM
VV5
DCM
DCM
Buck Mode Light Load Current Operation (DCM/CCM/
Burst Mode Operation)
In buck mode, the LTC7872 can be enabled to enter dis-
continuous conduction mode (DCM), forced continuous
conduction mode (CCM), or Burst Mode operation. To
select forced continuous operation, tie the MODE pin
to SGND. To select discontinuous conduction mode of
operation, tie the MODE pin to V5. To select Burst Mode
operation, float the MODE pin.
In forced continuous operation, the inductor current is
allowed to reverse at light loads or under large transient
conditions. The peak inductor current is determined by
the voltage on the ITHLOW pin, just as in normal operation.
In this mode, the efficiency at light loads is lower than
in DCM operation. However, continuous mode has the
advantages of lower output ripple and less interference
with audio circuitry.
When the LTC7872 is enabled for Burst Mode operation,
the peak current in the inductor is set to approximately
one-third of the maximum sense voltage even though the
voltage on the ITHLOW pin indicates a lower value. If the
average inductor current is higher than the load current,
the error amplifier, EA, will decrease the voltage on the
ITHLOW pin. When the ITHLOW voltage drops below 1.1V,
the internal sleep signal goes high (enabling sleep mode)
and both external MOSFETs are turned off.
In sleep mode, the load current is supplied by the output
capacitor. As the output voltage decreases, the EA’s out-
put begins to rise. When the output voltage drops enough,
the sleep signal goes low, and the controller resumes nor-
mal operation by turning on the top external MOSFET on
the next cycle of the internal oscillator. When a controller
is enabled for Burst Mode operation, the inductor cur-
rent is not allowed to reverse. The reverse current com-
parator (IREV) turns off the bottom external MOSFET just
before the inductor current reaches zero, preventing it
from reversing and going negative. Thus, the controller
operates in discontinuous conduction mode.
When the MODE pin is connected to V5, the LTC7872
operates in discontinuous conduction mode at light loads.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com