Electronic Components Datasheet Search
  English  ▼

X  

PCI1031PDV Datasheet(PDF) 58 Page - Texas Instruments

Part # PCI1031PDV
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031PDV Datasheet(HTML) 58 Page - Texas Instruments

Back Button PCI1031PDV Datasheet HTML 54Page - Texas Instruments PCI1031PDV Datasheet HTML 55Page - Texas Instruments PCI1031PDV Datasheet HTML 56Page - Texas Instruments PCI1031PDV Datasheet HTML 57Page - Texas Instruments PCI1031PDV Datasheet HTML 58Page - Texas Instruments PCI1031PDV Datasheet HTML 59Page - Texas Instruments PCI1031PDV Datasheet HTML 60Page - Texas Instruments PCI1031PDV Datasheet HTML 61Page - Texas Instruments PCI1031PDV Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
58
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA identification and revision register (index 00h)
Bit
7
6
5
4
3
2
1
0
Name
ExCA identification and revision
Type
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Default
1
0
0
0
0
1
0
0
Register:
ExCA identification and revision
Type:
Read only, read/write (see individual bit descriptions)
Offset:
CardBus socket address + 800h; Card A ExCA offset 00h
Card B ExCA offset 40h
Default:
84h
Description: This register provides host software with information on 16-bit PC Card support and Intel
82365SL-DF compatibility. Refer to Table 24 for a complete description of the register
contents.
NOTE:
This entire register is read only when bit 5 of the system control register is set (see Table 16).
Table 24. ExCA Identification and Revision Register (Index 00h)
BIT
TYPE
FUNCTION
7–6
R
Interface type. Bits 7–6, which are hardwired as 10b, identify the 16-bit PC Card support provided by the PCI1031. The
PCI1031 supports both I/O and memory 16-bit PC Cards.
5–4
R/W
Reserved. Bits 5–4 can be used for Intel 82365SL-DF emulation.
3–0
R/W
Intel 82365SL-DF revision. Bits 3–0 store the Intel 82365SL-DF revision supported by the PCI1031. Host software can
read this field to determine compatibility to the Intel 82365SL-DF register set. This field defaults to 0100b upon PCI1031
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com