Electronic Components Datasheet Search
  English  ▼

X  

PCI1031PDV Datasheet(PDF) 8 Page - Texas Instruments

Part # PCI1031PDV
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031PDV Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCI1031PDV Datasheet HTML 4Page - Texas Instruments PCI1031PDV Datasheet HTML 5Page - Texas Instruments PCI1031PDV Datasheet HTML 6Page - Texas Instruments PCI1031PDV Datasheet HTML 7Page - Texas Instruments PCI1031PDV Datasheet HTML 8Page - Texas Instruments PCI1031PDV Datasheet HTML 9Page - Texas Instruments PCI1031PDV Datasheet HTML 10Page - Texas Instruments PCI1031PDV Datasheet HTML 11Page - Texas Instruments PCI1031PDV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
PCI interface control
TERMINAL
I/O
FUNCTION
NAME
NO.
TYPE
FUNCTION
DEVSEL
197
I/O
Device select. As a PCI target, the PCI1031 asserts DEVSEL to claim the current cycle. As a PCI master, the
PCI1031 monitors DEVSEL until a target responds or a time-out occurs.
FRAME
193
I/O
Cycle frame. FRAME is driven by the current master to indicate the beginning and duration of an access.
FRAME is low (asserted) to indicate that a bus transaction is beginning. While FRAME is asserted, data
transfers continue. When FRAME is sampled high (deasserted), the transaction is in the final data phase.
GNT
168
I
Grant. GNT is driven by the PCI arbiter to grant the PCI1031 access to the PCI bus after the current data
transaction is complete. If distributed DMA is not implemented, GNT must be pulled high with a 43-k
Ω resistor.
IDSEL
182
I
Initialization device select. IDSEL selects the PCI1031 during configuration accesses. IDSEL can be connected
to one of the upper 24 PCI address lines.
IRDY
195
I/O
Initiator ready. IRDY indicates the bus master’s ability to complete the current data phase of the transaction.
IRDY is used with TRDY. A data phase is completed on any clock where both IRDY and TRDY are sampled
low (asserted). During a write, IRDY indicates that valid data is present on AD31– AD0. During a read, IRDY
indicates that the master is prepared to accept data. Wait cycles are inserted until both IRDY and TRDY are
low (asserted) at the same time. IRDY is an output when the PCI1031 is the PCI bus master and an input when
the PCI bus is the target.
PERR
199
I/O
Parity error. PERR is driven by the PCI target during a write to indicate that a data parity error has been detected.
REQ
169
O
Request. REQ asserted by the PCI1031 to request access to the PCI bus as a master.
SERR
200
O
System error. SERR pulsed from the PCI1031 indicates an address parity error has occurred. If SERR is not
used, it must be pulled high with a 43-k
Ω resistor.
STOP
198
I/O
Stop. STOP is driven by the current PCI target to request the master to stop the current transaction.
TRDY
196
I/O
Target ready. TRDY indicates the ability of the PCI1031 to complete the current data phase of the transaction.
TRDY is used with IRDY. A data phase is completed on any clock where both TRDY and IRDY are sampled
asserted. During a read, TRDY indicates that valid data is present on AD31– AD0. During a write, TRDY
indicates that the PCI1031 is prepared to accept data. Wait cycles are inserted until both IRDY and TRDY are
asserted together. TRDY is an output when the PCI1031 is the PCI target and an input when the PCI1031 is
the PCI bus master.
power supply
TERMINAL
FUNCTION
NAME
NO.
FUNCTION
GND
13, 22, 44, 75, 96, 129, 153, 167, 181, 194, 207
Device ground terminals
VCC
7, 31, 64, 86, 113, 143, 164, 175, 187, 201
Power-supply terminals for core logic (3.3 V)
VCCA
120
Power-supply terminal for PC Card A (5 V or 3.3 V)
VCCB
38
Power-supply terminal for PC Card B (5 V or 3.3 V)
VCCP
148, 172
Power-supply terminals for PCI interface (5 V or 3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com