Electronic Components Datasheet Search
  English  ▼

X  

PCI1031PDV Datasheet(PDF) 19 Page - Texas Instruments

Part # PCI1031PDV
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031PDV Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCI1031PDV Datasheet HTML 15Page - Texas Instruments PCI1031PDV Datasheet HTML 16Page - Texas Instruments PCI1031PDV Datasheet HTML 17Page - Texas Instruments PCI1031PDV Datasheet HTML 18Page - Texas Instruments PCI1031PDV Datasheet HTML 19Page - Texas Instruments PCI1031PDV Datasheet HTML 20Page - Texas Instruments PCI1031PDV Datasheet HTML 21Page - Texas Instruments PCI1031PDV Datasheet HTML 22Page - Texas Instruments PCI1031PDV Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA registers
The PCI1031 is fully register compatible with the Intel 82365SL-DF PC Card interface controller. The ExCA
compatibility registers can be accessed indirectly via PCI I/O address space or directly via PCI memory address
space. For I/O access, the PCI1031 uses the same index and data I/O port scheme introduced by Intel. This
index/data window is located in PCI I/O space by the PC Card 16-bit I/F legacy base address (see
PC Card 16-bit
I/F legacy-mode base address), found at offset 44h in PCI configuration space. The PC Card 16-bit
legacy-mode base address is shared by both sockets and the ExCA registers run contiguously from index
00h–3Fh for socket A and 40h–7Fh for socket B. Accesses to ExCA indices 80–FFh returns 0s when read.
Writes have no effect.
The compatibility registers can also be accessed directly through the CardBus socket/ExCA register window.
This window in PCI memory address space is located by the CardBus socket registers/ExCA base address
register (see
CardBus socket registers/ExCA registers base address register), found at offset 10h in PCI
configuration space. The ExCA compatibility registers are directly mapped into this memory window, starting
at an offset of 800h from the bottom of this window. Each socket has a separate CardBus socket register/ExCA
registers base address register for accessing the ExCA registers. ExCA I/O windows are accessed on word
(16-bit) boundaries.
The ExCA registers provide bits to control many 16-bit PC Card functions. These functions include:
D Explicit writeback/clear on read of interrupt flag mode selection
D PC Card CSC and functional interrupt control
D Interrupt mode select: level/edge interrupt modes
D PC Card socket status information
D ExCA registers configuration after PC Card removal – reset upon card removal or save the register values
upon card removal
D Memory and I/O windows configuration for 16-bit PC Cards
Table 5 classifies the basic functionality of each register in the ExCA register set. The functional classifications
are: card status register, card control register, memory window, and I/O window. Some of the registers are
classified as both card status and card control since some bits within the register provide status information and
other bits provide card control.
When a 16-bit PC Card is installed in a socket, the entire ExCA register set associated with that socket is
enabled. Some status and control functions in the CardBus socket registers are maintained when a16-bit PC
Card is present, such as the socket power control register. Software is expected to use either ExCA or CardBus
socket registers to control socket power, but not both. The intent is to be fully backward compatible with present
card and socket services, but take advantage of the easy access of some of the newly defined registers in the
CardBus/ExCA socket registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com