Electronic Components Datasheet Search
  English  ▼

X  

PCI1031PDV Datasheet(PDF) 9 Page - Texas Instruments

Part # PCI1031PDV
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031PDV Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCI1031PDV Datasheet HTML 5Page - Texas Instruments PCI1031PDV Datasheet HTML 6Page - Texas Instruments PCI1031PDV Datasheet HTML 7Page - Texas Instruments PCI1031PDV Datasheet HTML 8Page - Texas Instruments PCI1031PDV Datasheet HTML 9Page - Texas Instruments PCI1031PDV Datasheet HTML 10Page - Texas Instruments PCI1031PDV Datasheet HTML 11Page - Texas Instruments PCI1031PDV Datasheet HTML 12Page - Texas Instruments PCI1031PDV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
interrupt
TERMINAL
I/O
FUNCTION
NAME
NO.
TYPE
FUNCTION
IRQ3/INTA
IRQ4/INTB
154
155
O
Interrupt request 3 and interrupt request 4. IRQ3/INTA–IRQ4/INTB can be connected to either PCI
or ISA interrupts. IRQ3/INTA–IRQ4/INTB are software configurable as IRQ3 or INTA and as IRQ4
or INTB. When configured for IRQ3 and IRQ4, IRQ3/INTA–IRQ4/INTB must be connected to the ISA
IRQ programmable interrupt controller. When IRQ3/INTA–IRQ4/INTB are configured for INTA and
INTB, IRQ3/INTA–IRQ4/INTB must be connected to available interrupts on the PCI bus.
IRQ7/PCDMAREQ
157
O
Interrupt request 7. IRQ7/PCDMAREQ is software configurable and is used by the PCI1031 to
request PC/PCI DMA transfers from chipsets that support the PC/PCI DMA scheme. When
IRQ7/PCDMAREQ is configured for PC/PCI DMA request (IRQ7), it must be connected to the
appropriate request (REQ) pin on the Intel Mobile Triton PCI I/O accelerator (MPIIX™) (see
PC/PCI
DMA).
IRQ9/IRQSER
158
O
I/O
Interrupt request 9/serial IRQ. IRQ9/IRQSER is software configurable and indicates an interrupt
request from a PC Card to the PCI1031. When IRQ9/IRQSER is configured for IRQ9, it must be
connected to the system programmable interrupt controller. IRQSER allowa all IRQ signals to be
serialized onto one pin. IRQ9/IRQSER is configured via bits 2–1 in the device control register of the
TI extension registers (see
device control register).
IRQ10/CLKRUN
159
O
Interrupt requests 10. IRQ10/CLKRUN is software configurable and is used by the PCI1031 to
support the PCI CLKRUN protocol. When configured as CLKRUN by setting bit 0 in the system
control register at offset 80h, IRQ10/CLKRUN is an open drain output (see
system control register).
IRQ11/PCDMAGNT
160
I/O
Interrupt request 11. IRQ11/PCDMAGNT is software configurable and is used by the PCI1031 to
accept a grant for PC/PCI DMA transfers from chipsets that support the PC/PCI DMA scheme. When
IRQ11/PCDMAGNT is configured for PC/PCI DMA grant (IRQ11), it must be connected to the
appropriate grant (GNT) pin on the Intel MPIIX controller (see
PC/PCI DMA).
IRQ5
IRQ12
IRQ14
156
161
162
O
Interrupt requests 5, 12, and 14. These signals are ISA interrupts. These terminals indicate an
interrupt request from one of the PC Cards. The interrupt mode is selected in the device control
register of the TI extension registers (see
device control register).
IRQ15/RI_OUT
163
I/O
Interrupt request 15. IRQ15/RI_OUT indicates an interrupt request from one of the PC Cards.
RI_OUT allows the RI input from the 16-bit PC Card to be output to the system. IRQ15/RI_OUT is
configured in the card control register of the TI extension registers (see
card control register).
PC Card power switch
TERMINAL
I/O
FUNCTION
NAME
NO.
TYPE
FUNCTION
CLOCK
151
O
Power switch clock. Information on the DATA line is sampled at the rising edge of CLOCK. The frequency of
the clock is derived from dividing PCICLK by 36. The maximum frequency of CLOCK is 2 MHz (see
TPS2206
PC Card power control interface).
DATA
152
O
Power switch data. DATA is used by the PCI1031 to serially communicate socket power control information.
LATCH
150
O
Power switch latch. LATCH is asserted by the PCI1031 to indicate to the PC Card power switch that the data
on the DATA line is valid.
speaker control
TERMINAL
I/O
FUNCTION
NAME
NO.
TYPE
FUNCTION
SPKROUT/
SUSPEND
149
O
Speaker. SPKROUT carries the digital audio signal from the PC Card. SUSPEND, when enabled, places
the PCI1031 in PCI suspend/resume (see
power management). SPKROUT/SUSPEND is configured in the
card control register (see
card control register) of the TI extension registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com