| Electronic Components Datasheet Search |
|
PCI1031PDV Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI1031PDV Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 100 page ![]() PCI1031 PCI-TO-PC CARD16 CONTROLLER UNIT SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions PCI system TERMINAL I/O FUNCTION NAME NO. TYPE FUNCTION PCLK 165 I PCI bus clock. PCLK provides timing for all transactions on the PCI bus. All PCI signals are sampled at the rising edge of PCLK. RSTIN 166 I PCI reset. When the RSTIN signal is asserted low, the PCI1031 forces all output buffers to the high-impedance state and resets all internal registers. When asserted, the PCI1031 is nonfunctional. After RSTIN is deasserted, the PCI1031 returns to the default state. When the PCI1031 SUSPEND mode is enabled, the device is protected from any RSTIN reset (i.e., the PCI1031 internal register contents are preserved). See power management. PCI address and data TERMINAL I/O FUNCTION NAME NO. TYPE FUNCTION AD31 AD30 AD29 AD28 AD27 AD26 AD25 AD24 AD23 AD22 AD21 AD20 AD19 AD18 AD17 AD16 AD15 AD14 AD13 AD12 AD11 AD10 AD9 AD8 AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0 170 171 173 174 176 177 178 179 183 184 185 186 188 189 190 191 204 205 206 208 1 2 3 4 6 8 9 10 11 12 14 15 I/O Address/data bus. AD31–AD0 are the multiplexed PCI address and data bus. During the address phase of a PCI cycle, AD31–AD0 contain a 32-bit address or other destination information. During the data phase, AD31–AD0 contain data. C/BE3 C/BE2 C/BE1 C/BE0 180 192 203 5 I/O Bus commands and byte enables. C/BE3–C/BE0 are multiplexed on the same PCI terminals. During the address phase, C/BE3–C/BE0 define the bus command. During the data phase, C/BE3–C/BE0 are used as byte enables. The byte enables determine which byte lanes carry meaningful data. C/BE0 applies to byte 0 (AD7–AD0), C/BE1 applies to byte 1 (AD15–AD8), C/BE2 applies to byte 2 (AD23–AD16), and C/BE3 applies to byte 3 (AD31–AD24). PAR 202 I/O Parity. As a PCI target during PCI read cycles, or as PCI bus master during PCI write cycles, the PCI1031 calculates even parity across the AD and C/BE buses and outputs the results on PAR, delayed by one clock. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |