Electronic Components Datasheet Search
  English  ▼

X  

PCI1031PDV Datasheet(PDF) 10 Page - Texas Instruments

Part # PCI1031PDV
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031PDV Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCI1031PDV Datasheet HTML 6Page - Texas Instruments PCI1031PDV Datasheet HTML 7Page - Texas Instruments PCI1031PDV Datasheet HTML 8Page - Texas Instruments PCI1031PDV Datasheet HTML 9Page - Texas Instruments PCI1031PDV Datasheet HTML 10Page - Texas Instruments PCI1031PDV Datasheet HTML 11Page - Texas Instruments PCI1031PDV Datasheet HTML 12Page - Texas Instruments PCI1031PDV Datasheet HTML 13Page - Texas Instruments PCI1031PDV Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
16-bit PC Card address and data (slots A and B)
TERMINAL
NUMBER
I/O
FUNCTION
NAME
SLOT
A†
SLOT
B‡
TYPE
FUNCTION
A25
A24
A23
A22
A21
A20
A19
A18
A17
A16
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
121
118
116
114
111
109
107
105
103
112
115
108
106
117
100
95
102
104
119
123
125
126
128
131
132
133
55
53
51
49
47
45
42
40
37
48
50
43
41
52
34
29
36
39
54
57
59
60
62
65
66
67
O
PC Card address. 16-bit PC Card address lines. A25 is the most-significant bit.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
93
91
89
87
84
147
145
142
92
90
88
85
83
146
144
141
27
25
23
20
18
81
79
77
26
24
21
19
17
80
78
76
I/O
PC Card data. 16-bit PC Card data lines. D15 is the most-significant bit.
† Terminal name is preceded with A_. For example, the full name for terminal 121 is A_A25.
‡ Terminal name is preceded with B_. For example, the full name for terminal 55 is B_A25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com