Electronic Components Datasheet Search
  English  ▼

X  

PCI1031PDV Datasheet(PDF) 2 Page - Texas Instruments

Part # PCI1031PDV
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031PDV Datasheet(HTML) 2 Page - Texas Instruments

  PCI1031PDV Datasheet HTML 1Page - Texas Instruments PCI1031PDV Datasheet HTML 2Page - Texas Instruments PCI1031PDV Datasheet HTML 3Page - Texas Instruments PCI1031PDV Datasheet HTML 4Page - Texas Instruments PCI1031PDV Datasheet HTML 5Page - Texas Instruments PCI1031PDV Datasheet HTML 6Page - Texas Instruments PCI1031PDV Datasheet HTML 7Page - Texas Instruments PCI1031PDV Datasheet HTML 8Page - Texas Instruments PCI1031PDV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description
The TI PCI1031 is a high-performance PCI-to-PC Card16 controller that supports two independent PC Card
sockets compliant with the1995 PC Card standard. The PCI1031 provides a set of features that makes it ideal
for bridging between PCI and PC Cards in both notebook and desktop computers. The 1995 PC Card standard
retains the 16-bit PC Card specification defined in PCMCIA release 2.1 and is capable of full 16-bit data transfers
at 33 MHz. The PCI1031 supports any combination of 16-bit and PC Cards in its two sockets, powered at 3.3 V
or 5 V, as required.
The PCI1031 is compliant with the PCI local bus specification revision 2.1, and its PCI interface can act as either
a PCI master device or a PCI slave device. The PCI bus mastering is initiated during 16-bit PC Card
DMA transfers.
All card signals are internally buffered to allow hot insertion and removal without external buffering. The PCI1031
is register compatible with the Intel 82365SL-DF PC Card interface controller. The PCI1031 internal datapath
logic allows the host to access 8- and 16-bit cards using full 32-bit PCI cycles for maximum performance.
Independent 32-bit write buffers allow fast-posted writes to improve system-bus utilization.
An advanced CMOS process is used to achieve low system-power consumption while operating at PCI clock
rates up to 33 MHz. Low-power modes allow the host power-management system to further reduce
power consumption.
All unused PCI1031 pins should be pulled high by a 43-k
Ω resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com