Electronic Components Datasheet Search
  English  ▼

X  

PCI1031PDV Datasheet(PDF) 16 Page - Texas Instruments

Part # PCI1031PDV
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031PDV Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCI1031PDV Datasheet HTML 12Page - Texas Instruments PCI1031PDV Datasheet HTML 13Page - Texas Instruments PCI1031PDV Datasheet HTML 14Page - Texas Instruments PCI1031PDV Datasheet HTML 15Page - Texas Instruments PCI1031PDV Datasheet HTML 16Page - Texas Instruments PCI1031PDV Datasheet HTML 17Page - Texas Instruments PCI1031PDV Datasheet HTML 18Page - Texas Instruments PCI1031PDV Datasheet HTML 19Page - Texas Instruments PCI1031PDV Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PCI I/O address space
The PCI local bus specification defines an I/O address space accessed using 32-bit addresses, yielding a
4G-byte usable address space. The PCI1031 decodes PCI I/O cycles as a PCI target device only if host software
has enabled it to do so (see bit 0 of the
PCI command register). If so enabled, the PCI1031 positively decodes
the address on the PCI address AD bus and claims the cycle if a hit is detected to a programmed I/O window.
Such a window can be mapped either to internal PCI1031 registers or to PC Card address space.
There are two instances where the PCI1031 maps internal registers to PCI I/O address space. The first is the
legacy 16-bit PC Card index/data registers (used to access the ExCA registers), and the second is DMA socket
registers (used to access registers in distributed DMA). In both cases, the locations of these windows are
programmed by base address registers in PCI configuration space. The legacy 16-bit PC Card base address
(see
PC Card 16-bit I/F legacy-mode base address) is located at configuration offset 44h, and is common to
both PCI1031 functions 0 and 1. This base address locates a 2-byte window in I/O space anywhere in the 32-bit
I/O address space. The socket DMA base address register (see
socket DMA register 1) is located at
configuration offset 98h, and is separate and distinct for functions 0 and 1. This base address locates a 16-byte
window in I/O space in the lower 64K bytes of PCI I/O address space. For a complete description of this base
address register and the socket DMA registers, see
socket DMA register 1 and DMA registers.
The PCI1031 provides the ability for host software to program PCI I/O windows to PC Card address spaces.
These windows provide the bounds upon which the PCI1031 positively decodes I/O cycles from PCI to a
PC Card, and are the primary means for applications to communicate with PC Cards. See
16-bit PC Cards and
windows, ExCA registers, and CardBus PC Cards and windows.
PCI memory address space
The PCI local bus specification also defines a memory address space accessed using 32-bit addresses, yielding
a 4G-byte usable address space. The PCI1031 decodes PCI memory cycles as a PCI target device only if host
software has enabled it to do so (see bit 1 of the
PCI command register). If so enabled, the PCI1031 positively
decodes the address on the PCI address AD bus and claims the cycle if a hit is detected to a programmed
memory window. Such a window can be mapped either to internal PCI1031 registers or to PC Card
address space.
The only case where the PCI1031 maps internal registers to PCI memory address space is the CardBus/ExCA
registers that are mapped into a 4K-byte window for each socket. The location of these windows is programmed
by a base address register in PCI configuration space. The CardBus socket/ExCA base address (see
CardBus
socket registers/ExCA registers base address register) is located at configuration offset 10h and is separate
and distinct from functions 0 and 1. Each base address locates a 4K-byte window in memory space anywhere
in the 32-bit memory address space. For a description of this base address register and the CardBus socket
registers, see
CardBus socket registers/ExCA registers base address register.
The PCI1031 enables host software to program PCI memory windows to PC Card address spaces. These
windows provide the bounds on which the PCI1031 positively decodes memory cycles from PCI to a PC Card
and are the primary means for applications to communicate with PC Cards (see
16-bit PC Cards and windows
and
ExCA registers). A memory read always disconnects after the first data phase.
compliance to PCI local bus specification revision 2.1
The most significant additions to the PCI local bus specification revision 2.1 are the latency requirements on
PCI peripherals. Minimum response times are specified for a PCI device to respond with valid data. These
requirements are intended to improve throughput and reduce latencies on the PCI bus. The PCI1031 is fully
compliant with these guidelines.
Other additions to revision 2.1 of the PCI local bus specification include the subsystem ID and subsystem vendor
ID registers in the PCI configuration header.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com