Electronic Components Datasheet Search
  English  ▼

X  

PCI1031PDV Datasheet(PDF) 13 Page - Texas Instruments

Part # PCI1031PDV
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031PDV Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCI1031PDV Datasheet HTML 9Page - Texas Instruments PCI1031PDV Datasheet HTML 10Page - Texas Instruments PCI1031PDV Datasheet HTML 11Page - Texas Instruments PCI1031PDV Datasheet HTML 12Page - Texas Instruments PCI1031PDV Datasheet HTML 13Page - Texas Instruments PCI1031PDV Datasheet HTML 14Page - Texas Instruments PCI1031PDV Datasheet HTML 15Page - Texas Instruments PCI1031PDV Datasheet HTML 16Page - Texas Instruments PCI1031PDV Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
architecture
This section provides an overview of the PCI1031 PCI-to-PC Card/CardBus controller, followed by detailed
descriptions of PCI and PC Card interfaces, the TPS2206 interface, and interrupt support. Both hardware
protocols and software programming models are discussed.
introduction to the PCI1031
The PCI1031 is a bridge between the PCI local bus and two PC Card sockets supporting 16-bit PC Cards, and
is compliant with the PCI local bus specification revision 2.1 and PCMCIA’s 1995 PC Card standard. The
PCI1031 PC Card interface recognizes and identifies PC Cards installed at power up or run-time. The PCI1031
includes support for 16-bit PC Card features such as multifunction cards, 3.3-V cards, and DMA, as well as
backward compatibility to the PCMCIA release 2.1-compliant PC Cards. The PCI1031 core is powered at 3.3 V
to provide low power dissipation, but can independently support either 3.3-V or 5-V signaling on the PCI and
PC Card interfaces.
Host software interacts with the PCI1031 through a variety of internal registers that provide status and control
information about the PC Cards currently in use and the internal operation of the PCI1031 itself. These internal
registers are accessed by application software either through the PCI configuration header, or through
programmable windows mapped into PCI memory or I/O address space. The PCI1031 uses a windows format
to pass cycles between PCI and PC Card address spaces. Host software must program the location and size
of these windows when the PCI1031 or PC Card is initialized.
The PCI1031 also communicates via a three-line serial protocol to the TI TPS2206 dual PCMCIA power switch.
The TPS2206 switches VCC and VPP supply voltage to the two PC Card sockets independently. Host software
has indirect control over the TPS2206 by writing to internal PCI1031 registers.
The PCI1031 can notify the host system via interrupts when an event occurs that requires attention from the
host. Such events are either card status-change (CSC) events or functional interrupts from a PC Card. CSC
events occur within the PCI1031 or at the PC Card interface, and indicate a change in the status of the socket
(i.e., card insertion or removal). Functional interrupts originate from the PC Card application and are passed
from the card to the host system. Both CSC and functional interrupts can be individually masked and routed
to a variety of system interrupts. The PCI1031 can signal the system interrupt controller via PCI-style interrupts,
ISA IRQs, or with the serialized IRQ protocol.
The following sections describe in greater detail how the PCI1031 interacts at an electrical, protocol, and
software level at its PCI interface, PC Cards, TPS2206 PC Card power control, and interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com