Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8335
Description  40V, 1.2A Micropower Synchronous Boost Converter with PassThru
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 5 Page - Analog Devices

  LT8335 Datasheet HTML 1Page - Analog Devices LT8335 Datasheet HTML 2Page - Analog Devices LT8335 Datasheet HTML 3Page - Analog Devices LT8335 Datasheet HTML 4Page - Analog Devices LT8335 Datasheet HTML 5Page - Analog Devices LT8335 Datasheet HTML 6Page - Analog Devices LT8335 Datasheet HTML 7Page - Analog Devices LT8335 Datasheet HTML 8Page - Analog Devices LT8335 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT8338
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
EN/UVLO Thresholds
vs Temperature
INTVCC Voltage vs Temperature
Output Voltage vs Temperature
Burst Mode Switching Frequency
vs Load Current
Switching Frequency
vs Temperature
Switching Frequency vs
Temperature
Switching Frequency vs
Temperature
Burst Mode Efficiency
vs Inductor Value
No-Load VIN Current
vs Temperature, VIN
V(EN)_TH_H
V(EN)_TH_L
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
990
1000
1010
1020
1030
1040
1050
1060
vs Temperature
8338 G01
VIN = 12V
VIN = 12V
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
2.55
2.56
2.57
2.58
2.59
2.60
2.61
2.62
2.63
2.64
2.65
8338 G02
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
35.5
35.6
35.7
35.8
35.9
36.0
36.1
36.2
36.3
36.4
36.5
vs Temperature
8338 G03
VIN = 24V
VOUT = 36V L = 10µH
VIN = 12V
VIN = 18V
VIN = 24V
LOAD CURRENT (mA)
1
10
100
500
0.01
0.1
1
3
vs Load Current
8338 G04
RT = 301kΩ
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
295
296
297
298
299
300
301
302
303
304
305
vs Temperature
8338 G05
RT = 40.2kΩ
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
2.10
2.12
2.14
2.16
2.18
2.20
2.22
2.24
2.26
2.28
2.30
8338 G06
RT = 28.7kΩ
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
2.90
2.92
2.94
2.96
2.98
3.00
3.02
3.04
3.06
3.08
3.10
8338 G07
VIN = 12V, VOUT = 36V, FSW=2.2MHz
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
INDUCTOR (µH)
1
10
100
0
10
20
30
40
50
60
70
80
90
100
8338 G08
VIN = 12V, VOUT = 36V
VIN = 24V, VOUT = 36V
VIN = 35V, VOUT = 36V
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
0
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
8338 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com