Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 11 Page - Analog Devices

Part # LT8335
Description  40V, 1.2A Micropower Synchronous Boost Converter with PassThru
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8335 Datasheet HTML 7Page - Analog Devices LT8335 Datasheet HTML 8Page - Analog Devices LT8335 Datasheet HTML 9Page - Analog Devices LT8335 Datasheet HTML 10Page - Analog Devices LT8335 Datasheet HTML 11Page - Analog Devices LT8335 Datasheet HTML 12Page - Analog Devices LT8335 Datasheet HTML 13Page - Analog Devices LT8335 Datasheet HTML 14Page - Analog Devices LT8335 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT8338
11
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
While in Burst Mode operation (Figure 2), the current
limit of the bottom switch is approximately 300mA (as
shown in Switching Waveforms in Burst Mode Operation
in Typical Performance Characteristics), resulting in larger
output voltage ripple comparing to that in pulse-skipping
mode operation. Increasing the output capacitance will
decrease output ripple proportionally. As the load ramps
upward from zero, the switching frequency increases until
reaching the switching frequency programmed by the RT
resistor. The output load at which the LT8338 reaches the
programmed frequency varies based on input voltage,
output voltage, and inductor choice.
The LT8338 uses a constant-frequency architecture that
can be programmed over a 300kHz to 3MHz range with
a single external resistor from the RT pin to ground, as
shown in the Block Diagram.
Table 1 gives some specific examples of RT values for
specific switching frequencies.
Table 1. SW Frequency (fSW) vs RT Value
fSW (MHz)
RT (kΩ)
fSW (MHz)
RT (kΩ)
0.3
301
1.7
52.3
0.4
226
1.8
49.9
0.5
182
1.9
46.4
0.6
154
2.0
44.2
0.7
133
2.1
42.2
0.8
118
2.2
40.2
0.9
102
2.3
38.3
1.0
93.1
2.4
36.5
1.1
84.5
2.5
34.8
1.2
76.8
2.6
33.2
1.3
71.5
2.7
32.4
1.4
64.9
2.8
30.9
1.5
60.4
2.9
29.4
1.6
56.2
3.0
28.7
The operating frequency of the LT8338 can be synchro-
nized to an external clock source. By providing a clock
signal into the SYNC/MODE pin, the LT8338 operates
at the SYNC pulse frequency and automatically enters
pulse-skipping mode operation at light load. If this feature
is used, an RT resistor should be chosen to program a
switching frequency equal to, or slightly less than the
SYNC pulse frequency. For example, if the synchroniza-
tion signal is 500kHz or higher, the RT should be selected
for 500kHz. The slope compensation is set by the RT
value, while the minimum slope compensation required
to avoid subharmonic oscillations is established by the
inductor size, input voltage, and output voltage. Since
the synchronization frequency will not change the slope
of the inductor current waveform, if the inductor is large
enough to avoid subharmonic oscillation at the frequency
set by RT, then the slope compensation will be sufficient
for all synchronization frequencies.
Figure 2. Burst Mode Operation Waveforms
For some applications it is desirable for the LT8338 to
operate in pulse-skipping mode. Pulse-skipping mode
operation offers two major differences from Burst Mode
operation. First the clock stays awake at all times and all
switching cycles are aligned to the clock. In this mode
much of the internal circuitry is awake at all times, increas-
ing quiescent current to thousand μA (compared to 6μA
quiescent current in Burst Mode operation). Secondly
pulse-skipping mode operation exhibits lower output
ripple as well as lower audio noise and RF interference.
Operating Frequency and Synchronization
The choice of operating frequency is a trade-off between
efficiency and component size. Low frequency operation
improves efficiency by reducing the power switches’
switching losses and gate drive current. However, lower
frequency operation requires a physically larger inductor.
2µs/DIV
8338 F02
VSW
20V/DIV
IL
200mA/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com