Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 14 Page - Analog Devices

Part # LT8335
Description  40V, 1.2A Micropower Synchronous Boost Converter with PassThru
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT8335 Datasheet HTML 10Page - Analog Devices LT8335 Datasheet HTML 11Page - Analog Devices LT8335 Datasheet HTML 12Page - Analog Devices LT8335 Datasheet HTML 13Page - Analog Devices LT8335 Datasheet HTML 14Page - Analog Devices LT8335 Datasheet HTML 15Page - Analog Devices LT8335 Datasheet HTML 16Page - Analog Devices LT8335 Datasheet HTML 17Page - Analog Devices LT8335 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT8338
14
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
benefits, the trade-off is higher inductor peak current,
lower available output power and reduced efficiency.
Inductor Selection
The inductor peak-to-peak current ripple ∆ISW has a direct
effect on the choice of the inductor value, the converter’s
maximum output current capability, and the light load effi-
ciency in Burst Mode operation. Smaller values of ∆ISW
increase output current capability and light load efficiency
in Burst Mode operation, but require large inductances
and reduces the current loop gain (the converter will
approach voltage mode). Larger values of ∆ISW provide
fast transient response and allow the use of low induc-
tances, but result in higher input current ripple and greater
core losses, reduce the light load efficiency in Burst Mode
operation, and reduce output current capability.
Given an operating input voltage range, and having cho-
sen the operating frequency and ripple current in the
inductor, the inductor value of the boost converter can
be determined using the following equation:
L
=
VIN(MIN)
∆ISW • ƒ
• DMAX
(4)
here the ripple current ∆ISW can be set to 0.2A as a good
starting point. The peak inductor current is the switch
current limit (1.2A typical). The user should choose an
inductor having a sufficient saturation and RMS current
rating, and a low DCR to minimize I2R power losses.
Input Capacitor Selection
Bypass the input of the LT8338 circuit with a ceramic
capacitor of type X7R or X5R. The value of the input bypass
capacitor is a function of the source impedance, and in
general, the higher the source impedance, the higher the
required input capacitance. The capacitor value depends
on the input current ripple as well. The input ripple current
in a boost converter is relatively low (compared with the
output ripple current) because this current is continuous.
A 2.2μF to 10μF ceramic capacitor is adequate to bypass
the LT8338 and will easily handle the ripple current. If the
input power source has high impedance or there is sig-
nificant inductance due to long wires or cables, additional
bulk capacitance may be necessary. This can be provided
with a low performance electrolytic capacitor.
The voltage rating of the input capacitor, C1, should com-
fortably exceed the maximum input voltage. Although
ceramic capacitors can be relatively tolerant of overvolt-
age conditions, aluminum electrolytic capacitors are not.
Be sure to characterize the input voltage for any possible
overvoltage transients that could apply excess stress to
the input capacitors.
Output Capacitor Selection
The output capacitor has two essential functions. First, it
filters LT8338’s discontinuous top switch current to pro-
duce the DC output. In this role it determines the output
ripple, and thus low impedance at the switching frequency
is important. The second function is to store energy in
order to satisfy transient loads and stabilize the LT8338’s
control loop. The X5R or X7R type ceramic capacitors
have very low equivalent series resistance (ESR), which
provides low output ripple and good transient response.
Transient performance can be improved with higher value
output capacitance. Increasing the output capacitance will
also decrease the output voltage ripple. Lower values of
output capacitance can be used to save space and cost
but transient performance will suffer and may cause
loop instability.
A 4.7μF ceramic capacitor is adequate for the LT8338 out-
put capacitor. This ceramic should be placed near to VOUT/
GND. See the Board Layout section for more details. Note
that larger output capacitance is required when a lower
switching frequency is used. When choosing a capacitor,
special attention should be given to capacitor’s data sheet
to calculate the effective capacitance under the relevant
operating conditions of voltage bias and temperature. A
physically larger capacitor or one with a higher voltage
rating may be required. For good starting values, refer to
the Typical Application section.
Board Layout
Figure 4 shows a recommended PCB layout. For more
details and PCB design files refer to the Demo Board guide
for the LT8338.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com