Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 9 Page - Analog Devices

Part # LT8335
Description  40V, 1.2A Micropower Synchronous Boost Converter with PassThru
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8335 Datasheet HTML 5Page - Analog Devices LT8335 Datasheet HTML 6Page - Analog Devices LT8335 Datasheet HTML 7Page - Analog Devices LT8335 Datasheet HTML 8Page - Analog Devices LT8335 Datasheet HTML 9Page - Analog Devices LT8335 Datasheet HTML 10Page - Analog Devices LT8335 Datasheet HTML 11Page - Analog Devices LT8335 Datasheet HTML 12Page - Analog Devices LT8335 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT8338
9
Rev. 0
For more information www.analog.com
OPERATION
The LT8338 is a synchronous boost converter that uses a
fixed frequency, current mode control scheme to provide
excellent line and load regulation. Referring to the Block
Diagram, the Switching Logic and Charge Pump block
turns on the power switch MBOT through driver G1 at the
start of each oscillator cycle. The inductor current IL flows
through MBOT, whose current sensing signal is added to a
stabilizingslopecompensationrampandtheresultingsum
is fed into the positive terminal of the PWM comparator
A1. The level at the negative input of A1, labeled “VC”, is
set by the error amplifier EA and is an amplified version
of the difference between the feedback voltage (from the
internal voltage divider) and the reference voltage (from
CTRL pin). During the MBOT-on phase, IL increases.
When the signal at the positive input of A1 exceeds VC,
A1 sends a signal to turn off MBOT. When MBOT turns
off, the synchronous power switch MTOP turns on until
the next clock cycle begins or inductor current IL falls to
zero.Ifoverloadconditionsresultinexcesscurrentflowing
through the top switch, the next clock cycle will be delayed
until switch current returns to a safe level. Through this
repetitive action, the EA sets the correct IL peak current
level to keep the output voltage in regulation.
If the EN/UVLO pin is lower than 0.3V, the LT8338 is
shut down and draws < 0.2μA from the input. When the
EN/UVLO pin is above 1.05V, the switching regulator
becomes active.
The LT8338 can be configured to work in different modes
by setting SYNC/MODE pin. If the SYNC/MODE pin is tied
to ground directly, the LT8338 provides low output ripple
Burst Mode operation with ultralow quiescent current
at light loads. Connecting SYNC/MODE pin to ground
througha100kresistorenablesBurstModeoperationwith
frequency spread spectrum modulation (see Frequency
Spread Spectrum Modulation section). When Burst Mode
operation is selected, all circuitries associated with con-
trolling the output switches are shut down to reduce the
quiescent current between bursts. When SYNC/MODE pin
is floated, the LT8338 operates in pulse-skipping mode,
which reduces output ripple compared to Burst Mode
operationandincreasesthequiescentcurrenttohundreds
of microamps. Connecting the SYNC/MODE pin to INTVCC
selects pulse-skipping operation with spread spectrum
modulation enabled. Spread spectrum modulation varies
the switching frequency to reduce EMI. When the SYNC/
MODE pin is driven by an external clock, the converter
switching frequency is synchronized to that clock and
pulse-skipping mode is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com