Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 1 Page - Analog Devices

Part # LT8335
Description  40V, 1.2A Micropower Synchronous Boost Converter with PassThru
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 1 Page - Analog Devices

  LT8335 Datasheet HTML 1Page - Analog Devices LT8335 Datasheet HTML 2Page - Analog Devices LT8335 Datasheet HTML 3Page - Analog Devices LT8335 Datasheet HTML 4Page - Analog Devices LT8335 Datasheet HTML 5Page - Analog Devices LT8335 Datasheet HTML 6Page - Analog Devices LT8335 Datasheet HTML 7Page - Analog Devices LT8335 Datasheet HTML 8Page - Analog Devices LT8335 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT8338
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
40V, 1.2A Micropower Synchronous
Boost Converter with PassThru
The LT®8338 is a synchronous monolithic step-up reg-
ulator that provides high efficiency for input and output
up to 40V. It consumes only 6µA quiescent current at
Burst Mode operation to maintain high efficiency at very
low output current, while keeping the output ripple below
20mVP-P. The LT8338 switching frequency can be set with
an external resistor over the range of 300kHz to 3MHz.
A SYNC/MODE pin allows synchronization to an external
clock. It can also be used to select between Burst Mode
operation and pulse-skipping mode, or to enable spread
spectrum modulation to reduce EMI. The EN/UVLO pin
has an accurate 1V threshold and can be used to program
VIN UVLO or to shut down the part. The LT8338 enters
100% duty cycle PassThru mode when VIN is higher than
the regulated VOUT. The LT8338 also features frequency
foldback and internal soft-start for inductor current con-
trol during start-up.
8V to 16V Input, 36V Output Micropower Synchronous Boost Converter
APPLICATIONS
n
Wide Input Voltage Range: 3.0V to 40V
n
Low Quiescent Current in Burst Mode® Operation
n
<6µA IQ
n
<20mVP-P Output Ripple
n
Synchronous Operation for High Efficiency
n
Monolithic 40V, 240mΩ Power Switches
n
100% Duty Cycle PassThru™ Mode for Boost
Preregulation Applications
n
Adjustable and Synchronizable: 300kHz to 3MHz
n
Spread Spectrum for Reduced EMI/EMC Emissions
n
Accurate EN/UVLO
n
Internal Compensation
n
20MΩ Internal Feedback Divider
n
Output Voltage Up to 40V
n
Available in 10-Lead MSOP Package
n
AEC-Q100 Automotive Qualification in Progress
n
Industrial and Automotive Power Supplies
n
Battery-Powered Systems
n
General Purpose Step-Up
Efficiency
EFFICIENCY
POWER LOSS
VIN = 8V
VIN = 12V
VIN = 16V
LOAD CURRENT (mA)
1
10
100
1k
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
8338 TA01b
VOUT
(36V)
10µH
EN/UVLO
VIN
SW
SYNC/MODE
INTVCC
CTRL
BST
VOUT
GND
RT
LT8338
0.1µF
301k
1M
2.2µF
2.2µF
4.7µF
1M
0.01µF
162k
320mA AT 16V VIN
160mA AT 8V VIN
8338 TA01a
40.2k
2.20MHz
VIN
(8V TO 16V)
All registered trademarks and trademarks are the property of their respective owners.


Similar Part No. - LT8335

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8335 LINER-LT8335 Datasheet
1Mb / 20P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
logo
Analog Devices
LT8335 AD-LT8335 Datasheet
1Mb / 24P
28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
LT8335 AD-LT8335 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
LT8335 AD-LT8335 Datasheet
2Mb / 34P
60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
More results

Similar Description - LT8335

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3459 LINER-LTC3459_07 Datasheet
220Kb / 12P
10V Micropower Synchronous Boost Converter
LTC3459ES6TRMPBF LINER-LTC3459ES6TRMPBF Datasheet
226Kb / 12P
10V Micropower Synchronous Boost Converter
logo
Monolithic Power System...
MP3120 MPS-MP3120 Datasheet
712Kb / 10P
1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3459ES6TRMPBF LINER-LTC3459ES6TRMPBF Datasheet
226Kb / 12P
10V Micropower Synchronous Boost Converter
LTC3459 LINER-LTC3459_15 Datasheet
226Kb / 12P
10V Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
2A, 3MHz Micropower Synchronous Boost Converter
logo
Seaward Electronics Inc...
SE3609 SEAWARD-SE3609 Datasheet
292Kb / 8P
1MHz/1.2A Synchronous Boost Converter
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
logo
Monolithic Power System...
EV3120EJ-00A MPS-EV3120EJ-00A Datasheet
193Kb / 4P
1.2A, 1.1MHz Synchronous Boost Converter Evaluation Board
logo
SHENZHEN FUMAN ELECTRON...
A3126 FUMAN-A3126 Datasheet
371Kb / 8P
1.2A Up to 20V Micropower Output Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com